Electronic Components Datasheet Search
  English  ▼

X  

MP503 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP503
Description  Air-Quality Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP503 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP503 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Basic Circuit
Fig2. MP503 Test Circuit
Instructions: The above fig is the basic test circuit of MP503.The sensor requires two voltage inputs: heater
voltage (VH) and circuit voltage (VC). VH is used to supply standard working temperature to the sensor and it can
adopt DC or AC power, while VRL is the voltage of load resistance RL which is in series with sensor. Vc supplies the
detect voltage to load resistance RL and it should adopt DC power.
Description of Sensor Characters
Fig5.Responce and Resume
Fig6.Linearity curve
Fig3.Typical Sensitivity Curve
Rs means resistance in target gas with different
concentration, R0 means resistance of sensor in clean air.
All tests are finished under standard test conditions.
Fig4.Typical temperature/humidity characteristics
Rs means resistance of sensor in 50ppm alcohol under
different tem. and humidity. Rso means resistance of the
sensor in 50ppm alcohol under 20℃/55%RH.
Time(s)
Alcohol
H2
CH4
iso-butane
Smoke
methanal
Concentration (ppm)
Alcohol
H2
CH4
iso-butane
Smoke
methanal
Concentration (ppm)
Time (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com