Electronic Components Datasheet Search
  English  ▼

X  

MP905 Datasheet(PDF) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP905
Description  Air-Quality Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP905 Datasheet(HTML) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP905 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Fig8. Pins Schematic Diagram
2 .Following conditions should be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will influence sensors’ performance lightly. However, if water
condensation on sensors surface and keep a certain period, sensors’ sensitive will be decreased.
2.2 Used in high gas concentration
No matter the sensor is electrified or not, if it is placed in high gas concentration for long time, sensors
characteristic will be affected. If lighter gas sprays the sensor, it will cause extremely damage.
2.3 Long time storage
The sensors resistance will drift reversibly if it’s stored for long time without electrify, this drift is related with
storage conditions. Sensors should be stored in airproof bag without volatile silicon compound. For the
sensors with long time storage but no electrify, they need long galvanical aging time for stability before using.
The suggested aging time as follow:
Stable2.
Storage Time
Suggested aging time
Less than one month
No less than 48 hours
1 ~ 6 months
No less than 72 hours
More than six months
No less than 168 hours
2.4 Long time exposed to adverse environment
No matter the sensors electrified or not, if exposed to adverse environment for long time, such as high
humidity, high temperature, or high pollution etc., it will influence the sensors’ performance badly.
2.5 Vibration
Continual vibration will result in sensors down-lead response then break. In transportation or assembling line,
pneumatic screwdriver/ultrasonic welding machine can lead this vibration.
2.6 Concussion
If sensors meet strong concussion, it may lead its lead wire disconnected.
2.7 Usage Conditions
2.7.1For sensor, handmade welding is optimal way. The welding conditions as follow:
 Soldering flux: Rosin soldering flux contains least chlorine
 homothermal soldering iron
 Temperature: 250℃
 Time:less than 3 seconds
2.7.2If users choose wave-soldering, the following conditions should be obey:
3
2
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com