Electronic Components Datasheet Search
  English  ▼

X  

LTC2431 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2431
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2431 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2431 Datasheet HTML 2Page - Linear Technology LTC2431 Datasheet HTML 3Page - Linear Technology LTC2431 Datasheet HTML 4Page - Linear Technology LTC2431 Datasheet HTML 5Page - Linear Technology LTC2431 Datasheet HTML 6Page - Linear Technology LTC2431 Datasheet HTML 7Page - Linear Technology LTC2431 Datasheet HTML 8Page - Linear Technology LTC2431 Datasheet HTML 9Page - Linear Technology LTC2431 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2430/LTC2431
6
24301f
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error
(VCC = 5V, VREF = 5V)
INPUT VOLTAGE (V)
–2.5
1
3
5
1.5
24301 G01
–1
–3
0
2
4
–2
–4
–5
–1.5
–2
– 0.5
–1
0.5
1
2
0
2.5
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
FO = GND
85
°C
25
°C
–45
°C
INPUT VOLTAGE (V)
–1.25
1
3
5
0.75
24301 G02
–1
–3
0
2
4
–2
–4
–5
–0.75
–1
–0.25
–0.5
0.25 0.5
1
0
1.25
VCC = 5V
VREF = 2.5V
VINCM = VINCM = 1.25V
FO = GND
85
°C
–45
°C
25
°C
INPUT VOLTAGE (V)
–1.25
20
15
10
5
0
–5
–10
–15
–20
0.75
24301 G03
0.25
1.25
0.5
–1
0
1
VCC = 2.7V
VREF = 2.5V
VINCM = VINCM = 1.25V
FO = GND
85
°C
–45
°C
25
°C
–0.75
–0.25
–0.5
Total Unadjusted Error
(VCC = 5V, VREF = 2.5V)
Total Unadjusted Error
(VCC = 2.7V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 5V, VREF = 5V)
INPUT VOLTAGE (V)
–2.5
1
3
5
1.5
24301 G04
–1
–3
0
2
4
–2
–4
–5
–1.5
–2
–0.5
–1
0.5
1
2
0
2.5
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
FO = GND
85
°C
25
°C
–45
°C
Integral Nonlinearity
(VCC = 5V, VREF = 2.5V)
INPUT VOLTAGE (V)
–1.25
1
3
5
0.75
24301 G05
–1
–3
0
2
4
–2
–4
–5
–1
0.25 0.5
1
0
1.25
VCC = 5V
VREF = 2.5V
VINCM = VINCM = 1.25V
FO = GND
85
°C
–45
°C
25
°C
–0.75
–0.25
–0.5
Integral Nonlinearity
(VCC = 2.7V, VREF = 2.5V)
INPUT VOLTAGE (V)
–1.25
20
15
10
5
0
–5
–10
–15
–20
0.75
24301 G06
0.25
1.25
0.5
–1
0
1
VCC = 2.7V
VREF = 2.5V
VINCM = VINCM = 1.25V
FO = GND
85
°C
–45
°C
25
°C
–0.75
–0.25
–0.5
Noise Histogram (Output Rate =
7.5Hz, VCC = 5V, VREF = 5V)
OUTPUT CODE (ppm OF VREF)
–2.5
40
35
30
25
20
15
10
5
0
1.5
24301 G07
–1.5
–0.5
0.5
2.5
1
–2
–1
0
2
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = – 0.25ppm
σ = 0.550ppm
Noise Histogram (Output Rate =
7.5Hz, VCC = 2.7V, VREF = 2.5V)
OUTPUT CODE (ppm OF VREF)
–4
12
16
20
4
24301 G08
8
4
10
14
18
6
2
0
–2
–3
0
–1
23
5
1
6
10,000 CONSECUTIVE
READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = –1.07ppm
σ = 1.06ppm
RMS Noise
vs Input Differential Voltage
INPUT DIFFERENTIAL VOLTAGE (V)
–2.5
0.6
0.8
1.0
1.5
24301 G10
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
–1.5
–2
– 0.5
–1
0.5
1
2
0
2.5
VCC = 5V
VREF = 5V
VINCM = 2.5V
FO = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com