Electronic Components Datasheet Search
  English  ▼

X  

BIC007H Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIC007H
Description  Inductive Couplers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIC007H Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIC007H Datasheet HTML 1Page - Balluff Korea Ltd. BIC007H Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Couplers
BIC 2B0-IT1A7-Q40KFU-SM4A5A
Order Code: BIC007H
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 255518
ETIM 6.0: EC002714
BIC007H_1_2020-05-06
1 / 2
Basic features
Approval/Conformity
CE
cETLus
EAC
WEEE
Component
Remote
Function
IO-Link signal transmission
Use
for inductive coupler base
BIC007F
Display/Operation
Function indicator
yes
Power indicator
yes
Electrical connection
Connection 1
M12x1-Female, 5-pin, A-coded
Short-circuit protection
yes
Electrical data
Output current max.
5 A / 1 ms
Output voltage
24 VDC
RFI
3A
Rated output current
1.7 A
Signal type
bi-directional
Type of master port
A
Environmental conditions
Ambient temperature
-5...55 °C
IP rating
IP67
Interference immunity
EN 61000-4-2/3/4/5/6
Storage temperature
-25...70 °C
Functional safety
MTTF (40 °C)
52.2 a
Material
Housing material
PBTP
Material sensing surface
PBTP


Similar Part No. - BIC007H

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIC0073 BALLUFF-BIC0073 Datasheet
107Kb / 2P
Inductive Couplers
BIC0074 BALLUFF-BIC0074 Datasheet
106Kb / 2P
Inductive Couplers
BIC0075 BALLUFF-BIC0075 Datasheet
107Kb / 2P
Inductive Couplers
BIC0076 BALLUFF-BIC0076 Datasheet
106Kb / 2P
Inductive Couplers
BIC007F BALLUFF-BIC007F Datasheet
253Kb / 2P
Inductive Couplers
More results

Similar Description - BIC007H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3 Datasheet
296Kb / 2P
Hybrid Couplers
1E0320-3 ANAREN-1E0320-3 Datasheet
150Kb / 1P
Hybrid Couplers
1R0260-3 ANAREN-1R0260-3 Datasheet
130Kb / 1P
Hybrid Couplers
logo
Balluff Korea Ltd.
BIC007F BALLUFF-BIC007F Datasheet
253Kb / 2P
Inductive Couplers
BIC007T BALLUFF-BIC007T Datasheet
107Kb / 2P
Inductive Couplers
BIC007U BALLUFF-BIC007U Datasheet
107Kb / 2P
Inductive Couplers
BIC0073 BALLUFF-BIC0073 Datasheet
107Kb / 2P
Inductive Couplers
BIC0074 BALLUFF-BIC0074 Datasheet
106Kb / 2P
Inductive Couplers
BIC0075 BALLUFF-BIC0075 Datasheet
107Kb / 2P
Inductive Couplers
BIC0076 BALLUFF-BIC0076 Datasheet
106Kb / 2P
Inductive Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com