Electronic Components Datasheet Search
  English  ▼

X  

STN1NF20 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # STN1NF20
Description  N-Channel 200 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN1NF20 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  STN1NF20 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN1NF20 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
(PCB Mount) a
RthJA
--
40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
--
60
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
200
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.30
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V
-
-
25
μA
VDS = 160 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 0.58 A b
-
-
Forward Transconductance
gfs
VDS = 50 V, ID = 0.58 A
0.51
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
140
-
pF
Output Capacitance
Coss
-53
-
Reverse Transfer Capacitance
Crss
-15
-
Total Gate Charge
Qg
VGS = 10 V
ID = 3.3 A, VDS = 160 V,
see fig. 6 and 13 b
--
8.2
nC
Gate-Source Charge
Qgs
--
1.8
Gate-Drain Charge
Qgd
--
4.5
Turn-On Delay Time
td(on)
VDD = 100 V, ID = 3.3 A,
Rg = 24 , RD = 30 , see fig. 10 b
-8.2
-
ns
Rise Time
tr
-17
-
Turn-Off Delay Time
td(off)
-14
-
Fall Time
tf
-8.9
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.0
-
nH
Internal Source Inductance
LS
-6.0
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
-
-
0.96
A
Pulsed Diode Forward Current a
ISM
--
7.7
Body Diode Voltage
VSD
TJ = 25 °C, IS = 0.96 A, VGS = 0 V b
--
2.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 3.3 A, dI/dt = 100 A/μs b
-
150
310
ns
Body Diode Reverse Recovery Charge
Qrr
-0.60
1.4
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
1.2
-
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STN1NF20
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com