Electronic Components Datasheet Search
  English  ▼

X  

6BFN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6BFN
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BFN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6BFN Datasheet HTML 1Page - M-System Co.,Ltd. 6BFN Datasheet HTML 2Page - M-System Co.,Ltd. 6BFN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 6BFN
6BFN SPECIFICATIONS
ES-8895 Rev.1 Page 2/3
http://www.m-system.co.jp/
Approx. 0.78 kg (1.72 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 % (input 1 – 100 %)
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Ripple: 0.1 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or output to outdoor enclosure )
EXTERNAL DIMENSIONS unit: mm (inch)
4–M8, 12 deep
92 (3.62)
110 (4.33)
MOUNTING BRACKET
(optional)
2–G 1/2, 1/2NPT, M20x1.5 or PG13.5
114 (4.49)
110 (4.33)
SPACE REQUIRED TO REMOVE COVER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com