Electronic Components Datasheet Search
  English  ▼

X  

6BTS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6BTS
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BTS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6BTS Datasheet HTML 1Page - M-System Co.,Ltd. 6BTS Datasheet HTML 2Page - M-System Co.,Ltd. 6BTS Datasheet HTML 3Page - M-System Co.,Ltd. 6BTS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 6BTS
6BTS SPECIFICATIONS
ES-8862 Rev.4 Page 1/4
http://www.m-system.co.jp/
Field-mounted Two-wire
Signal Conditioners 6B-UNIT
THERMOCOUPLE TRANSMITTER
(linearization)
Functions & Features
• Accepts direct input from a thermocouple and providing a
standard 4 – 20 mA DC signal
• Linearization
• Burnout protection
• Cold junction compensation
• Rugged outdoor enclosure: stainless steel selectable
MODEL: 6BTS–0[1][2][3][4][5]
ORDERING INFORMATION
• Code number: 6BTS-0[1][2][3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. 6BTS-020A1/BL)
• Temperature range (e.g. 0 – 800°C)
SAFETY APPROVAL
0: None
[1] INPUT THERMOCOUPLE
1: (PR) (Usable range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
0: Specify
[2] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
[3] ENCLOSURE MATERIAL
A: Diecast aluminum
S: Stainless steel casting
[4] MOUNTING BRACKET
0: Without
1: With
[5] OPTIONS
Burnout
blank: Upscale burnout
/BL: Downscale burnout
PACKAGE INCLUDES...
• Mounting screws
Bolt (M8 x 15): 4
Spring washer for M8: 4
Material: Stainless steel 304
• Mounting bracket assembly (option):
Mounting bracket: 1
M10 U-bolt: 2
Nut for M10: 4
Spring washer for M10: 4
Material: Stainless steel 304
Applicable pipe: 1 1/2” min.; 2” max.
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection: M3 screw terminals
(torque 0.6 N·m)
Materials
• Transmitter housing: Diecast aluminum
Screw terminals: Nickel-plated steel
• Enclosure: Diecast aluminum or stainless steel casting
(equivalent to type 316); silver color, epoxy resin coated
Isolation: Input to output to outdoor enclosure
Output limit: Approx. 120 %
Zero adjustment: Approx. -0.5 – +5 % (behind the access
cover)
Span adjustment: Approx. 95 to 105 % (behind the access
cover)
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals


Similar Part No. - 6BTS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1-000A0 MSYSTEM-6BTS1-000A0 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1-000A0/BL MSYSTEM-6BTS1-000A0/BL Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1-000A1 MSYSTEM-6BTS1-000A1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1-000A1/BL MSYSTEM-6BTS1-000A1/BL Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
More results

Similar Description - 6BTS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BM MSYSTEM-6BM Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BR MSYSTEM-6BR Datasheet
157Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BVS MSYSTEM-6BVS Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com