Electronic Components Datasheet Search
  English  ▼

X  

6DVI Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 6DVI
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVI Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  6DVI Datasheet HTML 1Page - M-System Co.,Ltd. 6DVI Datasheet HTML 2Page - M-System Co.,Ltd. 6DVI Datasheet HTML 3Page - M-System Co.,Ltd. 6DVI Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 6DVI
6DVI SPECIFICATIONS
ES-4216 Rev.5 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
°C
ENTR / ESC BACK / DOWN
NEXT / UP
Engineering
Unit
ENTR / ESC Button
BACK / DOWN Button
NEXT / UP Button
Data Display
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
33 (1.30)
15.5 (.61)
70 (2.76) dia.
21 (.83)
2–5 (.20) dia.
MOUNTING REQUIREMENTS unit: mm (inch)
t : Panel Thickness
23.5 (.93)
33 (1.30)
2–M4 or
4.5 (.18) dia.
MTG HOLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com