Electronic Components Datasheet Search
  English  ▼

X  

6DVIB Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6DVIB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVIB Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6DVIB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: 6DVI-B
6DVI-B SPECIFICATIONS
ES-4214 Rev.6 Page 2/8
http://www.m-system.co.jp/
DISPLAY
LED: 8 mm (.3”) 7-segment, red
Number of display digits: 4
Scaling range: -1999 to 9999 counts
Offset range: -1999 to 9999 counts
Decimal point position: 10-1, 10-2, 10-3 or none
Polarity sign: Minus (–) sign added automatically according
to the computation result
Over-range warning: All segments dark except the top ones
that blink with the input exceeding the display/measurable
range; or the bottom ones that blink with the input below
the range.
Read rate: 2.5/s
Engineering unit indication: Sticker label attached
DC, AC, W, ℃ , °F, V, mV, A, mA, %, kW, mW, kV, kA, psi, K,
bar, barg, Nℓ/min, kvar, Mvar, var, m, mm, kg, kg/h, kPa,
MPa, N·m, Nm3/h, m3/h, m3/sec, m/sec, kgf/cm2, ℓ/min, %RH,
ℓ, ℓ/h, t/h, rpm, ppm, pH, Pa
INPUT SPECIFICATIONS
■ DC Current: 4 – 20 mA DC
Measurable range: 3.75 – 23 mA DC
Maximum input current: Refer to ‘Safety Parameters.’
Voltage drop: Approx. 3.7 V with 4 mA
Approx. 4.0 V with 20 mA (Equivalent input impedance:
Approx. 200 Ω)
(The minimum required supply voltage to the 2-wire
transmitter added with the indicator’s voltage drop at the
maximum input current must be within the output voltage
range of the 2-wire transmitter’s excitation supply.)
INSTALLATION
Operating temperature: Refer to the 'Safety Parameters'
section.
Weight:
• Unit
Approx. 1.3 kg (2.9 lb), aluminium
Approx. 4.0 kg (8.8 lb), stainless steel
• Mounting bracket assembly (option)
Approx. 0.78 kg (1.72 lb)
PERFORMANCE
Accuracy: ±0.01 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) at 4 – 20 mA
input
Dielectric strength: 1500 V AC @ 1 minute
(input to outdoor enclosure)
HOW TO CALCULATE ACCURACY AGAINST SCALE
Example 1: 4 – 20 mA input, Scale 0 – 100
Accuracy = 0.01 mA ÷ (20 – 4)mA × 100 = 0.063 %
Display Error = (100 – 0) × 0.063 % = ±0.063 digits
Example 2: 10 – 20 mA input, Scale 100 – 1000
Accuracy = 0.01 mA ÷ (20 – 10)mA × 100 = 0.1 %
Display Error = (1000 – 100) × 0.1 % = ±0.9 digits
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
ATEX Directive (for ATEX intrinsic safety)
Ex ia EN 60079-11
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
Safety approval:
FM: Intrinsically safe (US, Canada)
Class I, Div. 1, Groups A, B, C and D
Class II, Div. 1, Groups E, F and G
Class III, Div. 1
Class I, Zone 0, AEx ia IIC (US)
Class I, Zone 0, Ex ia IIC (Canada)
T4 and T5
(Class 3600)
(Class 3610)
(ANSI/ISA 60079-0)
(ANSI/ISA 60079-11)
(CAN/CSA-C22.2 E60079-0)
(CAN/CSA-C22.2 E60079-11)
(EN 60079-0)
(EN 60079-11)
II 1G, Ex ia IIC; T4, T5, Ga
ATEX: Intrinsic safety
SAFETY PARAMETERS
Operating temperature
Temp. class: Operating temperature
T4: -40 to +85°C
T5: -40 to +60°C
Intrinsic safety Ex data
Ui: (Vmax) 28 V DC
Ii: (Imax) 120 mA DC (Max. current allowed for the
safety approval; Not to guarantee the product’s
performance.)
Pi: (Pmax) 0.84 W
Ci: 1.0 nF
Li: 0 mH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com