Electronic Components Datasheet Search
  English  ▼

X  

20VS21 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 20VS21
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS21 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  20VS21 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS21 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 20VS2-1
20VS2-1 SPECIFICATIONS
ES-4410 Rev.5 Page 1/2
https://www.m-system.co.jp/
Hybrid IC Isolation Amplifiers 20 Series
ISOLATION AMPLIFIER
(input isolation)
Functions & Features
• Being used for printed wiring board installation
• Isolating between input and output, input and power
• Built in surge protectors
• Isolation between input and output up to 2000 V AC
• Power 15 V DC
Typical Applications
• Isolating the field and iput circuit of microprocessor to
reduce noise from field
• Available for manufacturers of small-lot products to omit
the development of isolation circuit
49 (1.93)
mm (inch)
14.5
(.57)
18 (.71)
MODEL: 20VS2–1–U
ORDERING INFORMATION
• Code number: 20VS2-1-U
INPUT RANGE -10 – +10 V DC
OUTPUT RANGE -10 – +10 V DC
POWER INPUT
DC Power
U: 15 V DC
GENERAL SPECIFICATIONS
Construction: Hybrid IC
Housing material: Flame-resistant resin (black)
Isolation: Input or reference voltage source to output or
power supply
INPUT SPECIFICATIONS
■ DC Voltage
Input : -10 – +10 V DC
Input resistance: ≥ 1 MΩ (10 kΩ in power failure)
Overload input voltage: 30 V DC continuous
Input offset voltage: ±15 mV
Input bias current: 15 nA TYP. (@25°C)
OUTPUT SPECIFICATIONS
■ DC Voltage: -10 – +10 V DC
Load resistance: ≥ 2 kΩ
Output impedance: ≤ 1 Ω
REFERENCE VOLTAGE SOURCE
Output voltage: ±15 V DC ±5 %
Load current: ≤ 5 mA
INSTALLATION
Power input
•DC: Operational voltage range: Rating ±2 %; approx. 10
mA with no load; ripple 2 %p-p max.
Operating temperature: 0 to 60°C (32 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Soldering to the printed wiring board
Weight: 20 g (0.71 oz)
PERFORMANCE in percentage of span
Linearity: ±0.05 %
Temp. coefficient:
Offset drift 40 ppm/°C
Span drift 50 ppm/°C
Frequency characteristics: Approx. 1 kHz, -3 dB
Response time: ≤ 450 μsec. (0 – 90 %)
Conversion gain: ×1 ±1 %
Line voltage effect: ±0.05 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input or reference voltage source to output or power
supply)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - 20VS21

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
20VS2-01 MSYSTEM-20VS2-01 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-02 MSYSTEM-20VS2-02 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-02-U MSYSTEM-20VS2-02-U Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-1 MSYSTEM-20VS2-1 Datasheet
101Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-2 MSYSTEM-20VS2-2 Datasheet
104Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
More results

Similar Description - 20VS21

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
20VS5-251 MSYSTEM-20VS5-251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VS5-2 MSYSTEM-20VS5-2 Datasheet
90Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-2 MSYSTEM-20VS2-2 Datasheet
104Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS1C MSYSTEM-20VS1C Datasheet
94Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS1B MSYSTEM-20VS1B Datasheet
185Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VF1 MSYSTEM-20VF1 Datasheet
103Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS52 MSYSTEM-20VS52 Datasheet
90Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS202 MSYSTEM-20VS202 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
20VS5251 MSYSTEM-20VS5251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VS7205D MSYSTEM-20VS7205D Datasheet
84Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com