Electronic Components Datasheet Search
  English  ▼

X  

MM60F040B Datasheet(PDF) 1 Page - MacMic

Part # MM60F040B
Description  400V 60A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM60F040B Datasheet(HTML) 1 Page - MacMic

  MM60F040B Datasheet HTML 1Page - MacMic MM60F040B Datasheet HTML 2Page - MacMic MM60F040B Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM60F040B
400V 60A
FRED
March 2011
PRELIMINARY
RoHS Compliant
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jiangsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
APPLICATIONS
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURES
· Ultrafast Recovery Time
· Soft Recovery Characteristics
· Low Recovery Loss
· Low Forward Voltage
· High Surge Current Capability
· Low Leakage Current
DESCRIPTION
FRED from MacMic utilizes advanced processing techniques to achieve
ultrafast recovery times and higher forward current. Its soft recovery
characteristics and high reliability suit for wide industrial applications
.
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
VR
Maximum D.C. Reverse Voltage
400
V
VRRM
Maximum Repetitive Reverse Voltage
400
V
IF(AV)
Average Forward Current
TC=110°C
60
A
IF(RMS)
RMS Forward Current
TC=110°C
84
A
IFSM
Non-Repetitive Surge Forward Current
TJ=45°C, t=10ms, 50Hz, Sine
600
A
PD
Power Dissipation
205
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +150
°C
Torque
Module-to-Sink
Recommended(M3)
1.1
N·m
RθJC
Thermal Resistance
Junction-to-Case
0.6
°C /W
Weight
7.0
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRM
Reverse Leakage Current
VR=400V
--
--
100
µA
VR=400V, TJ=125°C
--
--
1
mA
VF
Forward Voltage
IF=60A
--
1.45
--
V
IF=60A, TJ=125°C
--
1.25
--
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
28
--
ns
trr
Reverse Recovery Time
VR=400V, IF=60A
diF/dt=-200A/μs, TJ=25°C
--
45
--
ns
IRRM
Max. Reverse Recovery Current
--
3.5
--
A
trr
Reverse Recovery Time
VR=400V, IF=60A
diF/dt=-200A/μs, TJ=125°C
--
135
--
ns
IRRM
Max. Reverse Recovery Current
--
8.5
--
A


Similar Part No. - MM60F040B

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MM60F020PC THINKISEMI-MM60F020PC Datasheet
1Mb / 3P
60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
logo
MacMic
MM60F020PC MACMIC-MM60F020PC Datasheet
362Kb / 3P
200V 60A FRED
MM60F060B MACMIC-MM60F060B Datasheet
616Kb / 3P
600V 60A FRED
MM60F060P MACMIC-MM60F060P Datasheet
639Kb / 3P
600V 60A FRED
MM60F060PC MACMIC-MM60F060PC Datasheet
681Kb / 3P
600V 60A FRED
More results

Similar Description - MM60F040B

ManufacturerPart #DatasheetDescription
logo
MacMic
MM30F040PC MACMIC-MM30F040PC Datasheet
273Kb / 3P
400V 30A FRED
MM60F020PC MACMIC-MM60F020PC Datasheet
362Kb / 3P
200V 60A FRED
MM60F060B MACMIC-MM60F060B Datasheet
616Kb / 3P
600V 60A FRED
MM60F060PC MACMIC-MM60F060PC Datasheet
681Kb / 3P
600V 60A FRED
MM60F120B MACMIC-MM60F120B Datasheet
658Kb / 3P
1200V 60A FRED
MM60FU060B MACMIC-MM60FU060B Datasheet
617Kb / 3P
600V 60A FRED
MM60FU60BC MACMIC-MM60FU60BC Datasheet
249Kb / 3P
600V 60A FRED
MM60FU120B MACMIC-MM60FU120B Datasheet
616Kb / 3P
1200V 60A FRED
MM80FU040PC MACMIC-MM80FU040PC Datasheet
681Kb / 3P
400V 80A FRED
logo
Shenzhen Luguang Electr...
MUR3040PT LUGUANG-MUR3040PT Datasheet
850Kb / 1P
400V 30A FRED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com