Electronic Components Datasheet Search
  English  ▼

X  

MM60F060PC Datasheet(PDF) 1 Page - MacMic

Part # MM60F060PC
Description  600V 60A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM60F060PC Datasheet(HTML) 1 Page - MacMic

  MM60F060PC Datasheet HTML 1Page - MacMic MM60F060PC Datasheet HTML 2Page - MacMic MM60F060PC Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT FEATURES

Ultrafast Recovery Time

Freewheeling, Snubber, Clamp

Low Recovery Loss

Inversion Welder

Soft Reverse Recovery Characteristics

PFC

Low Leakage Current

Plating Power Supply

Low Forward Voltage

Ultrasonic Cleaner and Welder

High Surge Current Capability

Converter & Chopper

UPS
FRED from MacMic utilizes advanced processing techniques to achieve
ultrafast recovery times and higher forward current. Its soft recovery
characteristics and high reliability suit for wide industrial applications.
Unit
MM60F060PC
600V 60A FRED
June 2015
Version 01
RoHS Compliant
APPLICATIONS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
T C =25°C unless otherwise specified
Symbol
Parameter/Test Conditions
Values
VR
Maximum D.C. Reverse Voltage
600
V
V
M i
R
titi
R
V lt
1
2
3
TO-3P
1
W
℃
℃
Nm
℃
/W
g
Unit
μA
mA
ns
ns
ns
A
ns
600
V
VRRM
Maximum Repetitive Reverse Voltage
IF(AV)
Average Forward Current
TC=110℃, Per Diode
30
A
TC=110℃, Per Package
60
IF(RMS)
RMS Forward Current
TC=110℃, Per Diode
42
IFSM
Non Repetitive Surge Forward Current
TJ=25℃,t=10ms, 50Hz, Sine
300
PD
Power Dissipation
156
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature Range
-55 to +125
Torque
To Heat Sink
Recommended(M3)
1.1
RthJC
Junction to Case Thermal Resistance( Per Diode )
0.8
Weight
6
ELECTRICAL CHARACTERISTICS
T C =25°C unless otherwise specified
Symbol
Parameter/Test Conditions
Min. Typ. Max.
IRM
Maximum Reverse Leakage Current
VR =600V
10
VR =600V, TJ = 125℃
1
VF
Forward Voltage
IF=30A
1.5
1.8
V
IF=30A,TJ=125℃
1.3
trr
Reverse Recovery Time (IF = 1A, dIF/dt = -200A/μs, VR = 30V)
22
27
trr
Reverse Recovery Time (IF = 0.5A, IR=1A, IRR = 0.25A)
35
45
trr
Reverse Recovery Time
IF =30A,VR =300V,
45
IRRM
Maximum Reverse Recovery Current
dIF/dt = -200A/μs
3.5
trr
Reverse Recovery Time
I = 30A V =300V
130
1
ns
A
trr
Reverse Recovery Time
IF = 30A,VR =300V,
130
IRRM
Maximum Reverse Recovery Current
dIF/dt = -200A/μs ,TJ=125℃
9
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jia ngsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
1


Similar Part No. - MM60F060PC

ManufacturerPart #DatasheetDescription
logo
MacMic
MM60F060P MACMIC-MM60F060P Datasheet
639Kb / 3P
600V 60A FRED
More results

Similar Description - MM60F060PC

ManufacturerPart #DatasheetDescription
logo
MacMic
MM60F020PC MACMIC-MM60F020PC Datasheet
362Kb / 3P
200V 60A FRED
MM60F040B MACMIC-MM60F040B Datasheet
302Kb / 3P
400V 60A FRED
MM60F060B MACMIC-MM60F060B Datasheet
616Kb / 3P
600V 60A FRED
MM60F060P MACMIC-MM60F060P Datasheet
639Kb / 3P
600V 60A FRED
MM60F120B MACMIC-MM60F120B Datasheet
658Kb / 3P
1200V 60A FRED
MM60FC100B MACMIC-MM60FC100B Datasheet
221Kb / 3P
1000V 60A FRED
MM60FC120B MACMIC-MM60FC120B Datasheet
245Kb / 3P
1200V 60A FRED
MM60FU060B MACMIC-MM60FU060B Datasheet
617Kb / 3P
600V 60A FRED
MM60FU60BC MACMIC-MM60FU60BC Datasheet
249Kb / 3P
600V 60A FRED
MM60FU120B MACMIC-MM60FU120B Datasheet
616Kb / 3P
1200V 60A FRED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com