Electronic Components Datasheet Search
  English  ▼

X  

ESD6V2AL Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # ESD6V2AL
Description  Common Anode Zeners for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD6V2AL Datasheet(HTML) 2 Page - Rectron Semiconductor

  ESD6V2AL Datasheet HTML 1Page - Rectron Semiconductor ESD6V2AL Datasheet HTML 2Page - Rectron Semiconductor ESD6V2AL Datasheet HTML 3Page - Rectron Semiconductor ESD6V2AL Datasheet HTML 4Page - Rectron Semiconductor ESD6V2AL Datasheet HTML 5Page - Rectron Semiconductor ESD6V2AL Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Value
Units
PPK
Peak Power Dissipation @1.0ms
24
40
W
PD
Total Power Dissipation
200
mW
TOPT
Operating Temperature
-55/+150
C
TSTG
Storage Temperature
-55/+150
C
24 WATTS
Part
Number
Device
Marking
VRWM
IR
VBR
ZZT
ZZK
VC
(V)
(μA)
(V)
(mA)
(
)
(
)
(mA
)
(V)
(A)
@
VRWM
Min
Nom
Max
@
IT
Max
@IZT
Max
@
IZK
Max
@
IPP
VF=0.9V Max @ IF=10mA
40 WATTS
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 to 3)
Part
Number
Device
Marking
VRWM
IR
VBR
VC (note1)
(V)
(nA)
(V)
(mA)
(V)
(A)
@
VRWM
Min
Nom
Max
@
IT
Max
@
IPP
VF=0.9V Max @ IF=10mA
Note 1: Surge Current waveform per Figure 5
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 to 3)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 to 3)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)
6A2+code
ESD6V2AL
3.0
0.5
5.89
6.2
6.51
1.0
-
-
-
8.7
2.76
5A6+code
ESD5V6AL
3.0
5.0
5.32
5.6
5.88
20
11
1600
0.25
8.0
3.0
6A8+code
ESD6V8AL
4.5
0.5
6.46
6.8
7.14
9.6
2.5
15A+code
ESD15AL
12.0
50
14.25
15
15.75
21
1.90
1.0
-
--
1.0
12A+code
ESD12AL
8.5
200
11.40
12
12.60
17
2.35
1.0
9A1+code
ESD9V1AL
6.0
0.3
8.65
9.1
9.56
14
1.7
1.0
-
--
27A+code
ESD27AL
22.0
50
25.65
27
28.35
40
1.0
1.0
18A+code
ESD18AL
14.5
50
17.10
18
18.90
25
1.60
1.0
ESD5V6AL
ESD9V1AL
thru
ESD12AL
ESD27AL
thru
20A+code
ESD20AL
16.0
50
19
20
21
38
1.0
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com