Electronic Components Datasheet Search
  English  ▼

X  

PESD1LIN Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # PESD1LIN
Description  ESD protection diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

PESD1LIN Datasheet(HTML) 5 Page - Rectron Semiconductor

  PESD1LIN Datasheet HTML 1Page - Rectron Semiconductor PESD1LIN Datasheet HTML 2Page - Rectron Semiconductor PESD1LIN Datasheet HTML 3Page - Rectron Semiconductor PESD1LIN Datasheet HTML 4Page - Rectron Semiconductor PESD1LIN Datasheet HTML 5Page - Rectron Semiconductor PESD1LIN Datasheet HTML 6Page - Rectron Semiconductor PESD1LIN Datasheet HTML 7Page - Rectron Semiconductor PESD1LIN Datasheet HTML 8Page - Rectron Semiconductor PESD1LIN Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fig 5.
ESD clamping test setup and waveforms
006aaa166
50
RZ
CZ
vertical scale = 200 V/div
horizontal scale = 50 ns/div
unclamped 1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped 1 kV ESD voltage waveform
(IEC 61000-4-2 network)
unclamped 1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped 1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
GND
GND
450
RG 223/U
50
coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330
4 GHz DIGITAL
OSCILLOSCOPE
10
ATTENUATOR
D.U.T.
(Device
Under
Test)
PESD1LIN (15V)
PESD1LIN (15V)
PESD1LIN (24V)
PESD1LIN (24V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com