Electronic Components Datasheet Search
  English  ▼

X  

VSSAF5M10HM3/H Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSSAF5M10HM3/H
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSAF5M10HM3/H Datasheet(HTML) 4 Page - Vishay Siliconix

  VSSAF5M10HM3/H Datasheet HTML 1Page - Vishay Siliconix VSSAF5M10HM3/H Datasheet HTML 2Page - Vishay Siliconix VSSAF5M10HM3/H Datasheet HTML 3Page - Vishay Siliconix VSSAF5M10HM3/H Datasheet HTML 4Page - Vishay Siliconix VSSAF5M10HM3/H Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VSSAF5M10
www.vishay.com
Vishay General Semiconductor
Revision: 04-May-2018
4
Document Number: 87667
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Thermal Resistance Junction to Ambient
vs. Copper Pad Area
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
20
40
60
80
100
120
0123456789
10
Copper Pad Areas (cm2)
Epoxy printed circuit
board FR4 copper
thickness = 70 μm
S (cm2)
SlimSMA (DO-221AC)
Cathode Band
0.106 (2.70)
0.098 (2.50)
0.047 (1.20)
0.030 (0.75)
0.047 (1.20)
MIN.
0.047 (1.20)
MIN.
0.123 (3.12) MAX.
0.217 (5.52) REF.
0.060 (1.52)
MIN.
0.057 (1.45)
0.049 (1.25)
0.039 (1.00)
0.035 (0.90)
0.012 (0.30)
0.006 (0.15)
0.171 (4.35)
0.163 (4.15)
0.211 (5.35)
0.199 (5.05)
Typ.: 0.019 (0.48)
Mounting Pad Layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com