Electronic Components Datasheet Search
  English  ▼

X  

890334025017CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # 890334025017CS
Description  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

890334025017CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 890334025017CS Datasheet HTML 4Page - ON Semiconductor 890334025017CS Datasheet HTML 5Page - ON Semiconductor 890334025017CS Datasheet HTML 6Page - ON Semiconductor 890334025017CS Datasheet HTML 7Page - ON Semiconductor 890334025017CS Datasheet HTML 8Page - ON Semiconductor 890334025017CS Datasheet HTML 9Page - ON Semiconductor 890334025017CS Datasheet HTML 10Page - ON Semiconductor 890334025017CS Datasheet HTML 11Page - ON Semiconductor 890334025017CS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
EVBUM2709/D
www.onsemi.com
8
Basic tests and measurements were done. The results of
efficiency, power factor, power losses, load transients and
startup can be seen in the Figures 6−12. The used load was
Halogen light bulb.
Figure 6. Efficiency of PFC Stage for Various Value of Input AC Voltage and Load
95.00%
95.20%
95.40%
95.60%
95.80%
96.00%
96.20%
96.40%
96.60%
96.80%
97.00%
190
200
210
220
230
240
250
260
270
Input AC voltage [V]
Efficiency PFC stage
930 W load
466 W load
155 W load
Figure 7. Power Factor of PFC Stage for Various Value of Input AC Voltage and Load
0.838
0.858
0.878
0.898
0.918
0.938
0.958
0.978
0.998
190
200
210
220
230
240
250
260
270
Input AC voltage [V]
Power factor PFC stage
933 W load
466 W load
155 W load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com