Electronic Components Datasheet Search
  English  ▼

X  

TEP0502D Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TEP0502D
Description  Low Capacitance Bidirectional TVS/ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP0502D Datasheet(HTML) 1 Page - Rectron Semiconductor

  TEP0502D Datasheet HTML 1Page - Rectron Semiconductor TEP0502D Datasheet HTML 2Page - Rectron Semiconductor TEP0502D Datasheet HTML 3Page - Rectron Semiconductor TEP0502D Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Capacitance Bidirectional TVS/ESD Protection Diode
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
2019-11/01
REV:O
TEP0502D is an ultra-low capacitance Transient
capacitance of 0.2 pF (I/O to I/O) only, TEP0502D
TEP0502D uses small DFN1006-3L package.
Each TEP0502D device can protect two
robustness make TEP0502D ideal for high-speed
low clamping voltage of the TEP0502D
Device: TEP0502D
—P/N suffix V means AEC-Q101 qualified,
e.g:TEP0502DV
TEP0502D


Similar Part No. - TEP0502D

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP0502T5CL RECTRON-TEP0502T5CL Datasheet
198Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502T5D RECTRON-TEP0502T5D Datasheet
178Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502TD RECTRON-TEP0502TD Datasheet
199Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
More results

Similar Description - TEP0502D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
Low capacitance bidirectional ESD protection diode
logo
Rectron Semiconductor
TEP3B3CM RECTRON-TEP3B3CM Datasheet
162Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP3B5CM RECTRON-TEP3B5CM Datasheet
140Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B3CM RECTRON-TEP5B3CM Datasheet
175Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B5CL RECTRON-TEP5B5CL Datasheet
182Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B5CM RECTRON-TEP5B5CM Datasheet
117Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP0501CM RECTRON-TEP0501CM Datasheet
102Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
Low capacitance bidirectional ESD protection diode
23 November 2022
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
13 April 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com