Electronic Components Datasheet Search
  English  ▼

X  

20VS24 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 20VS24
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS24 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  20VS24 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS24 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS24 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 20VS2-4
20VS2-4 SPECIFICATIONS
ES-4407 Rev.4 Page 2/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
18 (.71)
49 (1.93)
1 2 3 4 5 6 7 8 9
15161718
22212019
36353433
0.3 (.01)
0.5 (.02)
20.32 (.80)
13.97 (.55) 7.62 (.30)
2.54 (.10)
1.27 (.05)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+15V
-15V
9
8
15
16
7
1
2
3
5
20
19
+
–
+
–
+
–
INPUT
POWER SUPPLY
+
Amplifier
Isolation
Output
Driver
Output
Driver
CURRENT OUTPUT
VOLTAGE OUTPUT
COM (–)
COM (0V)
*To be used in the printed wiring board on which the unit is mounted.
REFERENCE
VOLTAGE
SOURCE
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com