Electronic Components Datasheet Search
  English  ▼

X  

20VS5213 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 20VS5213
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS5213 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  20VS5213 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS5213 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS5213 Datasheet HTML 3Page - M-System Co.,Ltd. 20VS5213 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 20VS5-213
http://www.m-system.co.jp/
20VS5-213 SPECIFICATIONS
ES-4429 Rev.0 Page 2/4
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
PIN ASSIGNMENT
6
5
4
3
2
1
REFERENCE VOLTAGE SOURCE (–)
REFERENCE VOLTAGE SOURCE (+)
COM (–)
NON-INVERTING INPUT
17
16
15
14
OUTPUT (+)
OUTPUT (–)
POWER SUPPLY (–)
POWER SUPPLY (+) CLOCK INPUT
0–15V
INVERTING INPUT
FEEDBACK
1
6
14
17
12.7 (.5)
20.32 (.8)
7.62
(.3)
0.5 (.02)
2.54 (.1)
0.25
(.01)
20.32 (.8)
MAX. 47.5 (1.87)
10.7 (.42)
2.55 (.1)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
2
FEEDBACK 1
6
14
15
5
3
4
17
16
Note. The reference voltage source is common to the COM (–), terminal 4.
OUTPUT
EXTERNAL CLOCK / POWER SUPPLY*
2
+
–
+
–
Output
Driver
Isolation
Amplifier
(–)
COM (–)
INPUT
NON-INVERTING INPUT
INVERTING INPUT
REFERENCE VOLTAGE SOURCE*
1
(
+)
*1. To be used in the printed wiring board on which the unit is mounted.
*2. It is available to drive with external Clock Generator (model: 20VS5-2).
CLOCK INPUT, 0 – 15V
210 kHz
APPLICATION EXAMPLE
10 kΩ ≤ (R1 + R2) ≤ 200 kΩ
+
–
+
–
+
–
1
2
Non-inverting circuit G = 0.97
OUTPUT ±9.7V DC
–
+
REFERENCE
VOLTAGE SOURCE
n Non-inverting amplifier circuit: Basic example of G = 0.97
INPUT ±10V DC
+
–
4
3
5
6
17
16
+
–
EXTERNAL CLOCK / POWER 0 - 15V
14
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com