Electronic Components Datasheet Search
  English  ▼

X  

27HU Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 27HU
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27HU Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  27HU Datasheet HTML 1Page - M-System Co.,Ltd. 27HU Datasheet HTML 2Page - M-System Co.,Ltd. 27HU Datasheet HTML 3Page - M-System Co.,Ltd. 27HU Datasheet HTML 4Page - M-System Co.,Ltd. 27HU Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 27HU
27HU SPECIFICATIONS
ES-7651 Rev.17 Page 2/5
http://www.m-system.co.jp/
Input resistance: ≥ 1 MΩ
Burnout sensing: 33 μA
External CJC sensor type: Pt 100
■ RTD (2-wire, 3-wire or 4-wire)
Input resistance: ≥ 1 MΩ
Excitation: 0.2 mA
Allowable leadwire resistance: Max. 10 Ω per wire
■ Resistance (2-wire, 3-wire or 4-wire)
Input resistance: ≥ 1 MΩ
Excitation: 0.2 mA
Allowable leadwire resistance: Max. 10 Ω per wire
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Operational range: 3.75 – 23 mA
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 8 (V))
÷ 0.023 (A)
(including leadwire resistance)
Burnout: 3.75 – 3.8 mA or 21.5 – 23 mA
(factory set to 23 mA)
Upper output limit proportional to the input:
20 – 21.5 mA (factory set to 21.5 mA)
Lower output limit proportional to the input:
3.8 – 4 mA (factory set to 3.8 mA)
Update time: 440 msec. (660 msec. with dual input)
Output characteristics for dual input:
Average or Differential selectable
INSTALLATION
Supply voltage
• 8 – 35 V DC (non-approved)
• 8 – 28 V DC (approved)
Operating temperature: -40 to +85°C (-40 to +185°F)
(See Safety Parameters for use in a hazardous location.)
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: Head-mounting (DIN type B head)
Weight: 50 g (1.76 oz)
PERFORMANCE
Accuracy: See Table 1.
Cold junction compensation accuracy: ±0.5°C (±0.9°F) with
internal CJC sensor
Response time: ≤ 2 sec. (0 – 90 %) with damping time
set to 0 and when not communicating via HART.
Supply voltage effect: ±0.005 % of span/V
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output)
Safety integrity level according to IEC 61508: Suitable for
use in a safety instrumented system up to SIL2 (together
with sensor) if appropriate safety instructions are observed.
Consult M-System.
STANDARDS & APPROVALS
EU conformity:
ATEX Directive
Ex ia EN 60079-11
EMC Directive
EN 61326-1
RoHS Directive
EN 50581
Safety approval:
FM: Intrinsically safe
Class I, Division 1, Groups A, B, C and D
Class I, Zone 0, AEx ia IIC (US)
Class I, Zone 0, Ex ia IIC (Canada)
T4, T5 and T6
(Class 3610, ANSI/ISA 60079-11,
CAN/CSA-C22.2 No. 157,
CAN/CSA-C22.2 No. 60079-11)
ATEX: Intrinsic safety
II 1G, Ex ia IIC; T4, T5 and T6
(EN 60079-0)
(EN 60079-11)
SAFETY PARAMETERS
Operating temperature
For ATEX / FM:
T4: -40 to +80°C
T5: -40 to +60°C
T6: -40 to +45°C
Ex-data:
• Output circuit
Ui (Vmax): 30 V DC
Ii (Imax): 96 mA DC
Pi (Pmax): 720 mW
Ci: 1 nF
Li: 0 mH
• Sensor circuit
Uo (Voc): 30 V DC
Io (Isc): 24 mA DC
Po: 180 mW
Co (Ca): 50 nF
Lo (La): 40 mH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com