Electronic Components Datasheet Search
  English  ▼

X  

27HUB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 27HUB
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27HUB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  27HUB Datasheet HTML 1Page - M-System Co.,Ltd. 27HUB Datasheet HTML 2Page - M-System Co.,Ltd. 27HUB Datasheet HTML 3Page - M-System Co.,Ltd. 27HUB Datasheet HTML 4Page - M-System Co.,Ltd. 27HUB Datasheet HTML 5Page - M-System Co.,Ltd. 27HUB Datasheet HTML 6Page - M-System Co.,Ltd. 27HUB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 27HU-B
27HU-B SPECIFICATIONS
ES-7652 Rev.18 Page 1/7
http://www.m-system.co.jp/
Head-mounted Two-wire Signal Conditioners
27-UNIT
2-WIRE UNIVERSAL TEMPERATURE TRANSMITTER
(HART communication, outdoor enclosure, explosion-proof)
Functions & Features
• Universal input: DC mV, T/C, RTD and resistance
• High accuracy
• HART communication
• Explosion-proof approval
• Suitable for Functional Safety applications up to SIL2
• Programming via hand-held communicator or via PC
• A wide variety of T/C and RTD types
• User’s temperature table can be used
• Self diagnostics
• Ultra-low temp. drift option (20 ppm/°C typ.)
• Stainless steel enclosure optional
MODEL: 27HU–B–[1][2][3][4][5][6][7]
ORDERING INFORMATION
• Code number: 27HU-B-[1][2][3][4][5][6][7]
Specify a code from below for each of [1] through [7].
(e.g. 27HU-B-0L1T01/S).
Use Ordering Information Sheet (No. ESU-7652). Factory
standard setting will be used if not otherwise specified.
Specify the country in which the product is to be used with
the Safety Approval code 4.
[1] SAFETY APPROVAL
Confirm selectable combinations of approval and wiring
conduit types in the table below.
0: None
3: FM explosion-proof
4: ATEX flameproof
8: TIIS flameproof (CE not available)
[2] TEMPERATURE DRIFT
0: Standard (temp. coefficient 0.015 %/°C)
L: Ultra-low temperature drift
(temp. coefficient 0.002 %/°C typ. 0.005 %/°C max.)
[3] LED INDICATOR
0: Without
1: With (SIL not available)
[4] TERMINAL BLOCK
0: None (Output connection: Terminals on module)
(For TIIS, selectable only with ‘No indicator’ option.)
T: Incorporated
(Selectable only with the LED indicator option)
[5] WIRING CONDUIT
Confirm selectable combinations of approval and wiring
conduit types in the table below.
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
[6] MOUNTING BRACKET
0: Without
1: With
[7] OPTIONS
Enclosure Materials
Blank: Diecast aluminium enclosure
/S: Stainless steel enclosure
(TIIS flameproof approval not selectable)
I SELECTABLE WIRING CONDUITS SPECIFIC TO EACH APPROVAL
N marked combinations are not selectable.
APPROVAL
0
3
4
8
WIRING CONDUIT
0
Y
N
N
Y
1
Y
Y
Y
N
2
Y
N
Y
N
3
Y
N
N
N
RELATED PRODUCTS
• USB interface Bell202 modem (model: COP-HU)
Usable in ‘non-hazardous’ area only.
• Hand-held communicator
• PC configurator software (model: 27HUCFG)
Downloadable at M-System’s web site.
• Cable gland (model: BX-E-SXY)


Similar Part No. - 27HUB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HU-0 MSYSTEM-27HU-0 Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HU-0/L MSYSTEM-27HU-0/L Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HU-1 MSYSTEM-27HU-1 Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HU-1/L MSYSTEM-27HU-1/L Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results

Similar Description - 27HUB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
Head-mounted Two-wire Signal Conditioners
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
Head-mounted Two-wire Signal Conditioners
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27PM MSYSTEM-27PM Datasheet
131Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R MSYSTEM-27R Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27TS MSYSTEM-27TS Datasheet
147Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27U MSYSTEM-27U Datasheet
158Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com