Electronic Components Datasheet Search
  English  ▼

X  

27PM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 27PM
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27PM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  27PM Datasheet HTML 1Page - M-System Co.,Ltd. 27PM Datasheet HTML 2Page - M-System Co.,Ltd. 27PM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 27PM
27PM SPECIFICATIONS
ES-7657 Rev.5 Page 1/3
https://www.m-system.co.jp/
Head-mounted Two-wire Signal Conditioners
27-UNIT
POTENTIOMETER TRANSMITTER
(PC programmable)
Functions & Features
• I/O range programming via PC Configurator
• Self diagnostics
• Low temperature drift
44 (1.73) DIA.
20.7
(.81)
mm (inch)
MODEL: 27PM–0[1]
ORDERING INFORMATION
• Code number: 27PM-0[1]
Specify a code from below for [1].
(e.g. 27PM-0/M)
SAFETY APPROVAL
0: None
[1] OPTIONS
Function Monitor LED
Blank: Without
/M: With
RELATED PRODUCTS
• USB interface Bell202 modem (model: COP-HU)
Usable in ‘non-hazardous’ area only.
• PC configurator software (model: 27MCFG)
Downloadable at M-System’s web site.
GENERAL SPECIFICATIONS
Construction: Sensor head-mounting
Connection: M3 screw terminals (torque 0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Function monitor LED: Input status and error status are
displayed by blinking mode.
User-configurable items: PC and the transmitter are
connected with the COP-HU.
· Input range
· Burnout
· Output limits (Upper / Lower)
· Damping time
· Linearization
· Output calibration
· Loop test output
INPUT SPECIFICATIONS
■ Potentiometer: 100 Ω – 10 kΩ
Minimum span: 10 % of total resistance
Excitation: 2.5 V DC (43.2 kΩ connected in serial)
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Operational range: 3.75 – 23 mA
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 9 (V)) ÷ 0.023
(A) (including leadwire resistance)
Burnout: 3.75 – 3.8 mA or 21.5 – 23 mA
(factory set to 23 mA)
Upper output limit proportional to the input:
20 – 21.5 mA (factory set to 21.5 mA)
Lower output limit proportional to the input:
3.8 – 4 mA (factory set to 3.8 mA)
Update time: 440 msec.
INSTALLATION
Supply voltage
•DC: 9 – 35 V DC
Operating temperature: -40 to +85°C (-40 to +185°F)
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: Head-mounting (DIN type B head)
Weight: 50 g (1.76 oz)
PERFORMANCE in percentage of span
Accuracy: 0.05 % × 100 % of full scale / Input range (%)
Temp. coefficient: 0.0075 %/°C (0.004 %/°F)
Response time: ≤ 2 sec. (0 – 90 %)
with damping time set to 0
Burnout response time: ≤ 2 sec.
Supply voltage effect: ±0.01 % of span/V
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output)
STANDARDS & APPROVALS
EU conformity:
EMC Directive


Similar Part No. - 27PM

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
27P-024S OENINDIA-27P-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
27P-024S-XXX OENINDIA-27P-024S-XXX Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
27P-024X-XXX OENINDIA-27P-024X-XXX Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
27P-028S OENINDIA-27P-028S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
27P-028S-XXX OENINDIA-27P-028S-XXX Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
More results

Similar Description - 27PM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
Head-mounted Two-wire Signal Conditioners
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
Head-mounted Two-wire Signal Conditioners
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HUB MSYSTEM-27HUB Datasheet
199Kb / 7P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R MSYSTEM-27R Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27TS MSYSTEM-27TS Datasheet
147Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27U MSYSTEM-27U Datasheet
158Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com