Electronic Components Datasheet Search
  English  ▼

X  

27R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 27R
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  27R Datasheet HTML 1Page - M-System Co.,Ltd. 27R Datasheet HTML 2Page - M-System Co.,Ltd. 27R Datasheet HTML 3Page - M-System Co.,Ltd. 27R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 27R
27R SPECIFICATIONS
ES-7654 Rev.9 Page 1/4
http://www.m-system.co.jp/
Head-mounted Two-wire Signal Conditioners
27-UNIT
RTD TRANSMITTER
(PC programmable; non-isolated)
Functions & Features
• Accepts direct input from an RTD and provides
a standard 4 – 20 mA DC signal
• Suitable for Functional Safety applications up
to SIL2
• I/O range programming via PC Configurator
• User’s temperature table can be used
• Self diagnostics
• Low temperature drift
44 (1.73) DIA.
20.7
(.81)
mm (inch)
MODEL: 27R–[1][2]
ORDERING INFORMATION
• Code number: 27R-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. 27R-0/M)
Use Ordering Information Sheet (No. ESU-7653). Factory
standard setting will be used if not otherwise specified.
Specify the country in which the product is to be used with
the Safety Approval code 2.
[1] SAFETY APPROVAL
0: None
1: FM intrinsically safe
(Option code /M is not selectable)
2: ATEX intrinsic safety
(Option code /M is not selectable)
[2] OPTIONS
Function Monitor LED
Blank: Without
/M: With
RELATED PRODUCTS
• USB interface Bell202 modem (model: COP-HU)
Usable in ‘non-hazardous’ area only.
• PC configurator software (model: 27MCFG)
Downloadable at M-System’s web site.
GENERAL SPECIFICATIONS
Construction: Sensor head-mounting
Connection: M3 screw terminals (torque 0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Flame-resistant resin (black)
Function monitor LED: Input status and error status are
displayed by blinking mode.
User-configurable items: PC and the transmitter are
connected with the COP-HU.
• Input sensor type
• Number of wires
• Input range
• Burnout
• Output limits (Upper / Lower)
• Damping time (factory set to 0)
• Linearization
• Output calibration
• Loop test output
INPUT SPECIFICATIONS
The input is factory set for use with Pt 100 (JIS ’97, IEC),
0 to 100°C.
■ RTD (2-wire, 3-wire or 4-wire)
Input resistance: ≥ 1 MΩ
Excitation: 0.2 mA
Allowable leadwire resistance: Max. 10 Ω per wire
Temperature Range
RTD
MIN. SPAN
USABLE RANGE
Pt 100 (JIS '97, IEC)
Pt 500
Pt 1000
JPt 100 (JIS '89)
°C
°F
10
18
°C
°F
10
18
°C
°F
10
18
°C
°F
10
18
-200 to +850
-328 to +1562
-200 to +850
-328 to +1562
-200 to +850
-328 to +1562
-200 to +510
-328 to +950
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Operational range: 3.75 – 23 mA
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 9 (V)) ÷ 0.023
(A) (including leadwire resistance)
Burnout: 3.75 – 3.8 mA or 21.5 – 23 mA
(factory set to 23 mA)
Upper output limit proportional to the input:


Similar Part No. - 27R

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
27R0J OHMITE-27R0J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
Sharp Corporation
27RK SHARP-27RK Datasheet
90Kb / 7P
Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
logo
M-System Co.,Ltd.
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS-0 MSYSTEM-27RS-0 Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS-1 MSYSTEM-27RS-1 Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results

Similar Description - 27R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
Head-mounted Two-wire Signal Conditioners
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
Head-mounted Two-wire Signal Conditioners
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HUB MSYSTEM-27HUB Datasheet
199Kb / 7P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27PM MSYSTEM-27PM Datasheet
131Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27TS MSYSTEM-27TS Datasheet
147Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27U MSYSTEM-27U Datasheet
158Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com