Electronic Components Datasheet Search
  English  ▼

X  

MM75F60B Datasheet(PDF) 3 Page - MacMic

Part # MM75F60B
Description  600V 75A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM75F60B Datasheet(HTML) 3 Page - MacMic

  MM75F60B Datasheet HTML 1Page - MacMic MM75F60B Datasheet HTML 2Page - MacMic MM75F60B Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MM75F60B
TC(℃)
Rectangular Pulse Duration (s)
Figure 5.Forward current vs Case temperature
Figure 6.Transient Thermal Impedance
0
25
50
75
100
25
50
75
100
125
150
DC
0.01
0.1
1
0.001
0.01
0.1
1
10
3
Figure 7. Diode Reverse Recovery Test Circuit and Waveform
3
Dimensions in (mm)
Figure 8. Package Outline
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com