Electronic Components Datasheet Search
  English  ▼

X  

MMD70EB Datasheet(PDF) 1 Page - MacMic

Part # MMD70EB
Description  70A Three-Phase Rectifier Bridge Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD70EB Datasheet(HTML) 1 Page - MacMic

  MMD70EB Datasheet HTML 1Page - MacMic MMD70EB Datasheet HTML 2Page - MacMic MMD70EB Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT FEATURES

Low Forward Voltage

Field Supply For DC Motors

High Surge Current Capability

Line Rectifiers For Transistorized AC Motor Controllers

Low Leakage Current

Non-controllable Rectifiers For AC/DC Converter

Low Inductance Package
MMD70EB
70A Three-Phase Rectifier Bridge Module
RoHS Compliant
Module Type
June 2015
Version 01
APPLICATIONS
1
Unit
W
℃
℃
V
Nm
Nm
g
Torque
A
70
Output Current(D.C.)
1/2 cycle, 60HZ, peak value, Tc =45℃
Recommended(M5)
Three phase, half wave, Tc= 95℃
Non-Repetitive Surge Forward
Current
0.18
Isolation Breakdown Voltage
Junction Temperature
2.5~5
-40 to +125
Storage Temperature Range
Recommended(M5)
1/2 cycle, 60HZ, peak value, Tc =45℃
2.45
Weight
RthJC
Junction to Case Thermal Resistance
per diode
130
1/2 cycle, 50HZ, peak value ,Tc =45℃
2.5~5
Torque
2.33
Module to Sink
Module Electrodes
TSTG
PD
For Fusing
KA
2S
Symbol
V
ABSOLUTE MAXIMUM RATINGS
T C =25°C unless otherwise specified
Unit
VRSM
(Non-Repetitive Peak Reverse Voltage)
VRRM
(Repetitive Peak Reverse Voltage)
1300
1200
Module Type
MMD70EB120X
Values
Parameter/Test Conditions
VISO
IFSM
690
-40 to +150
3000
Power Dissipation
1600
1700
MMD70EB160X
MMD70EB180X
MMD70EB140X
AC, 50Hz(R.M.S), t=1minute
1800
1900
1400
I
2t
TJ
I D
1500
750
1/2 cycle, 50HZ, peak value, Tc =45℃
700
K /W
per module
1.1
g
g
130
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jia ngsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
1


Similar Part No. - MMD70EB

ManufacturerPart #DatasheetDescription
logo
MacMic
MMD70EB180X MACMIC-MMD70EB180X Datasheet
201Kb / 2P
1800V 70A Rectifier Module
More results

Similar Description - MMD70EB

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF75AC SANREX-DF75AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF100AC SANREX-DF100AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF150AC SANREX-DF150AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF200AC SANREX-DF200AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
logo
MacMic
MMD70E160X MACMIC-MMD70E160X Datasheet
179Kb / 3P
70A Three-Phase Rectifier Bridge Module
MMD70E180X MACMIC-MMD70E180X Datasheet
179Kb / 3P
70A Three-Phase Rectifier Bridge Module
MMD70E200X MACMIC-MMD70E200X Datasheet
178Kb / 3P
70A Three-Phase Rectifier Bridge Module
MMD100E200X MACMIC-MMD100E200X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD150F180X MACMIC-MMD150F180X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
logo
Inchange Semiconductor ...
SKD160 ISC-SKD160 Datasheet
448Kb / 3P
Three-phase rectifier bridge module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com