Electronic Components Datasheet Search
  English  ▼

X  

MMD130A Datasheet(PDF) 2 Page - MacMic

Part # MMD130A
Description  130A Rectifier Diode Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD130A Datasheet(HTML) 2 Page - MacMic

  MMD130A Datasheet HTML 1Page - MacMic MMD130A Datasheet HTML 2Page - MacMic MMD130A Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit
V
V
mΩ
MMD130A
0.85
Max.
Parameter/Test Conditions
rT
Min. Typ.
VTO
Symbol
VR = VRRM
1.5
1.6
10
IRM
VF
IF=400A
0.5
VR = VRRM, TJ = 125°C
ELECTRICAL CHARACTERISTICS
T C =25°C unless otherwise specified
mA
Forward Voltage Drop
Maximum Reverse Leakage Current
For power-loss calculations only , TJ = 125°C
300
400
500
150
200
250
125°C
Single-Phase
Three-
Phase
2
Figure1. Forward Voltage Drop vs Forward Current
Figure2. Power dissipation vs. IF(AV)
0
100
200
0
0.4
0.8
1.2
1.6
2
0
50
100
0
50
100
150
0
1000
2000
3000
4000
1
10
100
IF(AV) (A)
VF(V)
25°C
DC
Cycles
50HZ
0
30
60
90
120
150
25
50
75
100 125 150 175
TC(°C)
max.
Single‐Phase
per diode
2
Figure3. Max Non-Repetitive Forward Surge Current
Figure4. Forward current vs.Case temperature
Cycles
TC( C)
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com