Electronic Components Datasheet Search
  English  ▼

X  

MMD130S120B Datasheet(PDF) 1 Page - MacMic

Part # MMD130S120B
Description  130A Rectifier Diode Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD130S120B Datasheet(HTML) 1 Page - MacMic

  MMD130S120B Datasheet HTML 1Page - MacMic MMD130S120B Datasheet HTML 2Page - MacMic MMD130S120B Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMD130S
130A
Rectifier Diode Module
JANUARY 2014
Version 03
RoHS Compliant
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jiangsu Province, P. R .of China
Tel.:+86-519-85163708
Fax:+86-519-85162291
Post Code:213022
Website:www.macmicst.com
FEATURES
□
Low Forward Voltage
□
High Surge Current Capability
□
Low Leakage Current
□
Low Inductance Package
MODULE TYPE
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
TYPE
Circuit Diagram
VRRM
(Repetitive Peak
Reverse Voltage)
VRSM
(Non-Repetitive
Peak Reverse Voltage)
Unit
B
DK
MMD130S120B
MMD130S120DK
1200
1300
`V
MMD130S140B
MMD130S140DK
1400
1500
MMD130S160B
MMD130S160DK
1600
1700
MMD130S180B
MMD130S180DK
1800
1900
Symbol
Parameter
Test Conditions
Values
Unit
IF(AV)
Average Forward Current
Single phase, half wave, 180°conduction,
Tc= 95°C
130
A
IF(RMS)
R.M.S. Forward Current
204
IFSM
Non-Repetitive Surge
Forward Current
1/2 cycle, 50HZ, peak value Tc =45°C
3500
1/2 cycle, 60HZ, peak value Tc =45°C
3800
I
2t
I
2t (For Fusing)
1/2 cycle, 50HZ, peak value Tc =45°C
61.2
KA
2s
1/2 cycle, 60HZ, peak value Tc =45°C
60.0
KA
2s
PD
Power Dissipation
625
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
VISO
Isolation Breakdown Voltage
AC, 50Hz(R.M.S), t=1minute
3000
V
Torque
Module-to-Sink
Recommended(M6)
3~5
N.m
Torque
Module Electrodes
Recommended(M6)
3~5
N.m
Rth(J-C)
Junction-to-Case Thermal Resistance
0.2
K /W
Weight
170
g
APPLICATIONS
□
Field Supply For DC Motors
□
Line Rectifiers For Transistorized AC Motor Controllers
□
Non-controllable Rectifiers For AC/DC Converter


Similar Part No. - MMD130S120B

ManufacturerPart #DatasheetDescription
logo
MacMic
MMD130A MACMIC-MMD130A Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A120B MACMIC-MMD130A120B Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A120DK MACMIC-MMD130A120DK Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A140B MACMIC-MMD130A140B Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A140DK MACMIC-MMD130A140DK Datasheet
328Kb / 3P
130A Rectifier Diode Module
More results

Similar Description - MMD130S120B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK130S160UK MICROSS-MIMMK130S160UK Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMD130S180DK MICROSS-MIMMD130S180DK Datasheet
1Mb / 2P
1800V 130A Rectifier Diode Module RoHS Compliant
MIMMD130S180B MICROSS-MIMMD130S180B Datasheet
1Mb / 2P
1800V 130A Rectifier Diode Module RoHS Compliant
MIMMD130S160DK MICROSS-MIMMD130S160DK Datasheet
1Mb / 2P
1600V 130A Rectifier Diode Module RoHS Compliant
MIMMD130S160B MICROSS-MIMMD130S160B Datasheet
1Mb / 2P
1600V 130A Rectifier Diode Module RoHS Compliant
MIMMD130S120DK MICROSS-MIMMD130S120DK Datasheet
1Mb / 2P
1200V 130A Rectifier Diode Module RoHS Compliant
MIMMD130S120B MICROSS-MIMMD130S120B Datasheet
1Mb / 2P
1200V 130A Rectifier Diode Module RoHS Compliant
logo
MacMic
MMD130A MACMIC-MMD130A Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A180B MACMIC-MMD130A180B Datasheet
217Kb / 3P
130A Rectifier Diode Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com