Electronic Components Datasheet Search
  English  ▼

X  

F1013 Datasheet(PDF) 1 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # F1013
Description  Micro Flow Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

F1013 Datasheet(HTML) 1 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  F1013 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1013 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1013 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1013 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1013 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro Flow Sensor
(Model:F1013)
Manual
Version:2.0
Valid From:2014.05.01
Zhengzhou Winsen Electronics Technology Co., Ltd


Similar Part No. - F1013

ManufacturerPart #DatasheetDescription
logo
Powerbox
F101 POWERBOX-F101 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Littelfuse
F101002-ND LITTELFUSE-F101002-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
International Rectifier
F1010E IRF-F1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
F1010N IRF-F1010N Datasheet
211Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A??
F1010NS IRF-F1010NS Datasheet
146Kb / 10P
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
More results

Similar Description - F1013

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
F1012 WINSEN-F1012 Datasheet
461Kb / 4P
Micro Flow Sensor
F1022 WINSEN-F1022 Datasheet
465Kb / 4P
Micro Flow Sensor
F1031V WINSEN-F1031V Datasheet
265Kb / 4P
Micro Flow Sensor
logo
Festo Corporation.
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com