Electronic Components Datasheet Search
  English  ▼

X  

VT1045CB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT1045CB
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.34 V at IF = 2.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT1045CB Datasheet(HTML) 1 Page - Vishay Siliconix

  VT1045CB Datasheet HTML 1Page - Vishay Siliconix VT1045CB Datasheet HTML 2Page - Vishay Siliconix VT1045CB Datasheet HTML 3Page - Vishay Siliconix VT1045CB Datasheet HTML 4Page - Vishay Siliconix VT1045CB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VT1045CBP, VIT1045CBP
www.vishay.com
Vishay General Semiconductor
Revision: 15-Dec-16
1
Document Number: 89363
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Trench MOS Barrier Schottky Rectifier
for PV Solar Cell Bypass Protection
Ultra Low VF = 0.34 V at IF = 2.5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
•TJ 200 °C max. in solar bypass mode application
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in solar cell junction box as a bypass diode for
protection, using DC forward current without reverse bias.
MECHANICAL DATA
Case: TO-220AB, TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
Notes
(1) With heatsink
(2) Meets the requirements of IEC 61215 ed. 2 bypass diode thermal test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 5.0 A
VRRM
45 V
IFSM
100 A
VF at IF = 5.0 A
0.41 V
TOP max. (AC mode)
150 °C
TJ max. (DC forward current)
200 °C
Package
TO-220AB, TO-262AA
Diode variation
Dual common cathode
TO-220AB
1
2
3
TMBS
®
1
K
2
3
TO-262AA
PIN 1
PIN 2
PIN 3
K
VIT1045CBP
VT1045CBP
PIN 1
PIN 2
CASE
PIN 3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT1045CBP
VIT1045CBP
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum average forward rectified current (fig. 1)
per device
IF(AV) (1)
10
A
per diode
5.0
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
100
A
Operating junction and storage temperature range (AC mode)
TOP, TSTG
-40 to +150
°C
Junction temperature in DC forward current
without reverse bias, t
 1 h
TJ (2)
 200
°C


Similar Part No. - VT1045CB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT1045CBP VISHAY-VT1045CBP Datasheet
122Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
26-Oct-10
VT1045CBP VISHAY-VT1045CBP Datasheet
130Kb / 4P
Trench MOS Barrier Schottky Rectifier
22-May-12
VT1045CBP VISHAY-VT1045CBP Datasheet
135Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
15-Dec-16
VT1045CBP-M3-4W VISHAY-VT1045CBP-M3-4W Datasheet
122Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
26-Oct-10
VT1045CBP-M3-4W VISHAY-VT1045CBP-M3-4W Datasheet
130Kb / 4P
Trench MOS Barrier Schottky Rectifier
22-May-12
More results

Similar Description - VT1045CB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4045BP VISHAY-VBT4045BP Datasheet
92Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VFT3045BP VISHAY-VFT3045BP Datasheet
84Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VT4045BP VISHAY-VT4045BP Datasheet
115Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
V30DL45BP VISHAY-V30DL45BP_15 Datasheet
115Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
18-Mar-14
VBT2045BP-E3 VISHAY-VBT2045BP-E3 Datasheet
88Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 5 A
09-Sep-13
VBT2045BP-M3 VISHAY-VBT2045BP-M3 Datasheet
99Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 5 A
23-Feb-12
VBT1045CBP-M3 VISHAY-VBT1045CBP-M3 Datasheet
95Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.34 V at IF = 2.5 A
30-Apr-13
VBT1545CBP-E3 VISHAY-VBT1545CBP-E3 Datasheet
89Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.41 V at IF = 5 A
30-Oct-13
VBT2045CBP-M3 VISHAY-VBT2045CBP-M3 Datasheet
95Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 5.0 A
30-Apr-13
VBT6045CBP-M3 VISHAY-VBT6045CBP-M3 Datasheet
95Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 10 A
30-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com