Electronic Components Datasheet Search
  English  ▼

X  

MRT511 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MRT511
Description  Thermopile Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MRT511 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MRT511 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MRT511 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MRT511 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MRT511 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MRT511 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MRT511 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MRT511 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
MRT511 Thermopile Temperature Sensor
TO-46 Package
MRT-511 thermopile sensor is based on MEMS technology, consists of hundreds of thermocouples connected in
series. Using Seebeck principle, when there is a temperature difference between the target and the environment,
the sensor gives the corresponding voltage output, therefore detecting the existence of the target or the
temperature of the target.
Features
TO-46 metal package
High sensitivity
Quick response, Good stability
High filter transmittance
High precision NTC
Applications
Non-contact temperature measuring
Infrared thermometer, such as ear temperature and forehead temperature measurement
Continuous temperature control of production process
Household appliances (Microwave oven, hair dryers, air conditioners etc), intelligent temperature induction
and control system
Human presence detection
Table 2 MRT511 thermopile parameters
Parameter
Value
Unit
Remarks
Sensitive area
1.6×1.6
mm
Field of view
105
Degree
Above 50%
Thermopile resistor
120±30
KΩ
25℃
Noise voltage
45
nV/Hz1/2
25℃
Noise equivalent power
0.27
nW/Hz1/2
500K, 1Hz, 25℃
Response rate
124
V/W
500K, 1Hz, 25℃
Time constant
10
ms
Detection rate
1.0 ×108
cmHz1/2/W
500K, 1Hz, 25℃
NTC resistance
100 ± 2%
KΩ
25℃
NTC(β)
3950 ± 1%
/
25℃/50℃
Working temperature
-30 ~ 100℃
Storage temperature
-40 ~ 110℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com