Electronic Components Datasheet Search
  English  ▼

X  

WPCH01 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # WPCH01
Description  General Type Ceramic Pressure Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

WPCH01 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  WPCH01 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCH01 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCH01 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCH01 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
3. Structure sizes
4. Electric connection and definition of wires
5.Guide to select model
Example:W—P—C—H—M1—V1—S2—L1—D1—P3
W
Winsen company
P
Pressure sensors products
C
Pressure transmitter products
H
Sensor type
H: ceramic type
K:diffused-silicon type
Q:others
M1
Detection range
M1 stands for 1MPa;M0.2 stands for 0.2MPa;… M60 stands for 60MPa
V1
Supply voltage
V1:5VDC
V2: 12VDC
V3: 24VDC
V4: others
S2
Output signal
S1:4-20
mA
S2: 0.5-4.5V
S3: 0-5V
S4: 1-5V
S5: others
L1
Screw Connection
L1: G1/2
L2: G1/4
L3: M20*1.5
L4: M14*1.5
L5: others
D1
Electric connection
D1:Three-pin plug, D2:Hersman’s joint, D3:direct leading wire, D4:aviation
plug D5: others
P3
Overall accuracy
P1:0.2%
P2:0.5%
P3:1%
P4:2.0%
P5: 5.0%
6. Cautions
1, Before selecting suitable model, please note the compatibility between the medium and the
contacting part.
2, If selecting others, please indicate the specific requirements.
3, if have special requirements on parameters or functions, welcome to communicate with us further.
4, Please be sure to pay attention to the definition of cable wiring, the production will fail with wrong
connection ways, this should be assumed by users.
Pin
Cable
Definition
(three-wire)
Definition
(two-wire)
1
red
Power: V+
Power: V+
2
yellow
Output: OUT+
3
blue or green
Common port: GND
Output: OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com