Electronic Components Datasheet Search
  English  ▼

X  

WPCK61 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # WPCK61
Description  WPCK61 General Type Isolation-Film Pressure Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

WPCK61 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  WPCK61 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
WPCK61 General Type Isolation-Film Pressure Transmitter
Product
WPCK61 Isolation-Film Pressure Transmitter is a wide-used pressure measurement products.
Adopting high-precision pressure-sensitive film and signal processing unit, and special design of
anti-over-voltage, impact resistance, anti-ice blocking, and anti-electromagnetic interference, it can
be long-term reliable used in a variety of harsh Workplace or environmental. The products also meet
explosion-proof and marine products related to the design requirements.
Main features:
●Anti-pressure impact, anti-water hammer effect
●Anti-ice blocking effect
●PCB buffer, vibration resistance
●Anti-electromagnetic interference
●Anti-power supply voltage fluctuation
●Anti-power supply fault connection
Application:
●Petrochemical
●Marine, mechanical hydraulic system
●Hydropower and window power
●Water conservancy and pump use
●Equipment support
Main technical parameters
Measuring Range
-0.1—0~0.01—250MPa
Overload
2 times ( below 70MPa)
1.5 times ( over 100MPa)
Pressure Type
S
A
Power Supply
8-30VDC
8-30VDC
Output Signal
4-20mADC
0/1-5/10VDC
Transition Method
Two Lines
Three Lines
Load Resistance
≤( U-8)/0.02Ω
>100K
Protection Class
IP65(Connector Type) /IP68(Fully Sealed Cable
Type)
Shell
Stainless Steel 304
Film
Stainless Steel 316L
Seals
Fluoro-rubber
Accuracy
±0.25%FS(typical)
±0.5%FS(max)
Medium Working
Temperature
-35℃~ +85℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com