Electronic Components Datasheet Search
  English  ▼

X  

LR36685 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR36685
Description  1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 5 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation LR36685 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LZ23J3V
5
PIXEL STRUCTURE
1 pin
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
1 292 (H) x 966 (V)
OPTICAL BLACK
(2 PIXELS)
OPTICAL BLACK
(3 PIXELS)
OPTICAL BLACK
(3 PIXELS)
OPTICAL BLACK
(49 PIXELS)
COLOR FILTER ARRAY
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
BG
B
G
B
GR
G
R
G
BG
B
G
B
GR
G
R
G
BG
B
G
B
GR
G
R
G
BG
B
G
B
GR
G
R
G
BG
B
G
B
GR
G
R
G
BG
B
G
B
GR
G
R
G
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
(1, 966)
(1 292, 966)
(1, 1)
(1 292, 1)
ØV3A
ØV1B
ØV1A
ØV3B
ØV1B
ØV1A
ØV3A
ØV1B
ØV3B
ØV1B
ØV3A
ØV3A
Pin arrangement
of the vertical
readout clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com