Electronic Components Datasheet Search
  English  ▼

X  

FM2000W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM2000W
Description  HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM2000W Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM2000W Datasheet HTML 1Page - Rectron Semiconductor FM2000W Datasheet HTML 2Page - Rectron Semiconductor FM2000W Datasheet HTML 3Page - Rectron Semiconductor FM2000W Datasheet HTML 4Page - Rectron Semiconductor FM2000W Datasheet HTML 5Page - Rectron Semiconductor FM2000W Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HIGH VOLTAGE RECTIFIER
VOLTAGE RANGE 1200 to 3500 Volts
CURRENT 0.2 to 0.5 Ampere
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise n oted)
FM1200W
THRU
FM3500W
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
mAmps
500
30
-55 t o + 150
Amps
pF
0 C
UNITS
FM1200W
1200
FM1800W
FM2000W
1800
840
1200
1800
200
15
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
VF
SYMBOL
IR
UNITS
1.5
5.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.5A/0.2A DC
Volts
@TA = 25
oC
@TA =150
oC
2.5
1.0
.375”, (9.5mm) lead length at TL = 75
oC
30
uAmps
.209 (5.31)
.185 (4.70)
.091 (2.31)
.067 (1.70)
.110 (2.79)
.086 (2.18)
.011 (0.28)
.007 (0.18)
.180 (4.57)
.160 (4.06)
.059 (1.50)
.035 (0.89)
.067 (1.70)
.051 (1.30)
2020-03
REV:C
I
2T
A
2S
3.73
Typical Current Squared Time
FM2500W
FM3000W
2500
1750
2500
3000
2100
3000
1260
1400
2000
2000
FM3500W
3500
2450
3500
*
* P/N suffix V means Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:FM3500WV
FM1600W
1600
1600
1120
mAmps
FM1200W
FM1800W
FM2000W
FM2500W FM3000W FM3500W
FM1600W


Similar Part No. - FM2000W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM2000W RECTRON-FM2000W Datasheet
34Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - FM2000W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
WILLAS ELECTRONIC CORP
R1200F WILLAS-R1200F Datasheet
446Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R1200 WILLAS-R1200 Datasheet
412Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R2500F WILLAS-R2500F Datasheet
454Kb / 2P
VOLTAGE RANGE 2500 to 5000 volts CURRENT 0.2 Ampere
R2500 WILLAS-R2500 Datasheet
392Kb / 2P
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F_15 Datasheet
122Kb / 2P
High Voltage Fast Recovery RectifiersReverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
R1200 GOOD-ARK-R1200_15 Datasheet
116Kb / 2P
High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
Rectron Semiconductor
FR1200G RECTRON-FR1200G Datasheet
721Kb / 5P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 1200 to 3200 Volts CURRENT 0.5 to 0.2 Ampere
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com