Electronic Components Datasheet Search
  English  ▼

X  

R2000G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # R2000G
Description  SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER VOLTAGE RANGE 2000 to 0.5/0.2 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R2000G Datasheet(HTML) 1 Page - Rectron Semiconductor

  R2000G Datasheet HTML 1Page - Rectron Semiconductor R2000G Datasheet HTML 2Page - Rectron Semiconductor R2000G Datasheet HTML 3Page - Rectron Semiconductor R2000G Datasheet HTML 4Page - Rectron Semiconductor R2000G Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH VOLTAGE SILICON RECTIFIER
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
R4000G
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
*Weight: 0.34 gram
2018-11
REV: B
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
0.2
30
-65 to + 175
Amps
pF
0 C
UNITS
30
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
VF
SYMBOL
IR
UNITS
5.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.2A DC
Volts
@TA = 25
oC
@TA =150
o C
4.0
5.0
.375”, (9.5mm) lead length at TL = 75
oC
30
uAmps
2. “ROHS compliant”.
Typical Thermal Resistance
0C/W
R JA
R JL
30
65
VOLTAGE RANGE 2000 to
0.5/0.2 Ampere
3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
mAmps
I
2t
3.735
A
2S
Typical Current Squared Time
Dimensions in inches and (millimeters)
DO-41
.161 (4.1)
.205 (5.2)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
.108 (2.74)
.078 (1.99
DIA.
.034(0.86)
.028 (0.7)
DIA.
R2000G
THRU
R2000G
2000
1400
2000
R3000G
3000
2100
3000
R4000G
4000
2800
4000
0.5
2.0
3.0
000 Volts CURRENT
4
R2000G
R3000G
R4000G
SURFACE MOUNT GLASS PASSIVATED


Similar Part No. - R2000G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R2000 RECTRON-R2000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R2000 BYTES-R2000 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R2000 DCCOM-R2000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R2000 DIODES-R2000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
More results

Similar Description - R2000G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
WILLAS ELECTRONIC CORP
R1200F WILLAS-R1200F Datasheet
446Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R1200 WILLAS-R1200 Datasheet
412Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
R2000FG RECTRON-R2000FG Datasheet
218Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
R5000G RECTRON-R5000G Datasheet
138Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER olts CURRENT 0.2 Ampere
FR1200G RECTRON-FR1200G Datasheet
721Kb / 5P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 1200 to 3200 Volts CURRENT 0.5 to 0.2 Ampere
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com