Electronic Components Datasheet Search
  English  ▼

X  

R2000H Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # R2000H
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R2000H Datasheet(HTML) 1 Page - Rectron Semiconductor

  R2000H Datasheet HTML 1Page - Rectron Semiconductor R2000H Datasheet HTML 2Page - Rectron Semiconductor R2000H Datasheet HTML 3Page - Rectron Semiconductor R2000H Datasheet HTML 4Page - Rectron Semiconductor R2000H Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH VOLTAGE FAST RECOVERY RECTIFIER
VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
FEATURES
*Fast switching
*Low leakage
*High current capability
*High surge capability
*High reliability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
R2000H
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES :
3.Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.336 g ram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ, TSTG
VRMS
Volts
Volts
mAmps
500
30
-65 to + 150
Amps
0 C
UNITS
R2000H
2000
1400
2000
Volts
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
3.5
3.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.5A DC
Volts
1.0
mAmps
Maximum Reverse Recovery Time (Note3 )
at Rated DC Blocking Voltage
A
= 25
oC
trr
75
nSec
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
I
2t
3.74
A
2S
Typical Current Squarad Time
2019-06/25
REV:O
Typical Thermal Resistance (Note 2)
50
0 C/W
R JA
28
R JL
2. Thermal Resistance : Mounted on PCB.
R2000H
@ T
A
= 150
oC
@ T
Typical junction capacitance
(Note 1)
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
C j
15
pF


Similar Part No. - R2000H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R2000 RECTRON-R2000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R2000 BYTES-R2000 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R2000 DCCOM-R2000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R2000 DIODES-R2000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
More results

Similar Description - R2000H

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
05F1 RECTRON-05F1 Datasheet
420Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
05F1L RECTRON-05F1L Datasheet
234Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
05S2 RECTRON-05S2 Datasheet
356Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 0.5 Ampere
FFM1000W RECTRON-FFM1000W Datasheet
26Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere
FFM1600W RECTRON-FFM1600W Datasheet
26Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE 1600 Volts CURRENT 0.5 Ampere
R1600HG RECTRON-R1600HG Datasheet
126Kb / 5P
GLASSPASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 1600 Volts CURRENT 1.0 Ampere
R2000FG RECTRON-R2000FG Datasheet
218Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
HFM2000W RECTRON-HFM2000W Datasheet
140Kb / 5P
HIGH VOLTAGE VOLTAGE RANGE 2000 V olts CURRENT 0.5 Ampere HIGH EFFICIENCY RECTIFIER
2020-04/25 REV:O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com