Electronic Components Datasheet Search
  English  ▼

X  

27U Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 27U
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27U Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  27U Datasheet HTML 1Page - M-System Co.,Ltd. 27U Datasheet HTML 2Page - M-System Co.,Ltd. 27U Datasheet HTML 3Page - M-System Co.,Ltd. 27U Datasheet HTML 4Page - M-System Co.,Ltd. 27U Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: 27U
27U SPECIFICATIONS
ES-7656 Rev.8 Page 3/5
http://www.m-system.co.jp/
INPUT TYPE, RANGE & ACCURACY
*1. 2°C for 400 to 850°C range, 3.6°F for 752 to 1562°F range.
*2. 2°C for -50 to +100°C range, 3.6°F for -58 to +212°F range.
INPUT TYPE
DC mV
■ INPUT TYPE, RANGE & ACCURACY
Table 1
ACCURACY
Resistance
THERMOCOUPLE
RTD
MAXIMUM RANGE
MAXIMUM RANGE
°C
°C
°F
°F
4 mV
25 Ω
50
50
50
50
100
100
100
100
100
50
50
50
10
10
10
10
90
90
90
90
180
180
180
180
180
90
90
90
18
18
18
18
0 to 4000 Ω
-10 to +100 mV
±0.1 Ω
±10 µV
±0.15
±0.15
±0.15
±0.15
±0.27
±0.27
±0.27
±0.27
±0.5
±0.5
±0.5
±0.5
±1
±1
±1
±1
±1
±0.5
±0.5
±0.5
±0.9
±0.9
±0.9
±0.9
±1.8
±1.8
±1.8
±1.8
±1.8
±0.9
±0.9
±0.9
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
Pt 100 (JIS '97, IEC)
Pt 500
Pt 1000
JPt 100 (JIS '89)
-180 to +1372
-100 to +1000
-100 to +1200
-200 to +400
400 to 1820
-50 to +1760
-50 to +1760
0 to 2300
0 to 2300
-180 to +1300
-200 to +600
-100 to +900
-292 to +2501
-148 to +1832
-148 to +2192
-328 to +752
752 to 3308
-58 to +3200
-58 to +3200
32 to 4172
32 to 4172
-292 to +2372
-328 to +1112
-148 to +1652
-328 to +1562
-328 to +1562
-328 to +1562
-328 to +950
-200 to +850
-200 to +850
-200 to +850
-200 to +510
D (WRe 3-25)
MAXIMUM RANGE
MAXIMUM RANGE
MIN. SPAN MAXIMUM RANGE
MIN. SPAN
ACCURACY
MIN. SPAN
ACCURACY
ACCURACY
MIN. SPAN
ACCURACY
MIN. SPAN
*1
*2
*2
*2
*2
*1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com