Electronic Components Datasheet Search
  English  ▼

X  

40DT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 40DT
Description  Digital Panel Meters 40 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  40DT Datasheet HTML 1Page - M-System Co.,Ltd. 40DT Datasheet HTML 2Page - M-System Co.,Ltd. 40DT Datasheet HTML 3Page - M-System Co.,Ltd. 40DT Datasheet HTML 4Page - M-System Co.,Ltd. 40DT Datasheet HTML 5Page - M-System Co.,Ltd. 40DT Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: 40DT
40DT SPECIFICATIONS
ES-9535 Rev.10 Page 2/6
https://www.m-system.co.jp/
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ Thermocouple
Input resistance: 1 MΩ minimum
Burnout sensing: ≤ 0.1 μA
Usable range (conformance range):
K (CA) -150 to +1370℃ or -238 to +2498°F
J (IC) -180 to +1000℃ or -292 to +1832°F
T (CC) -170 to +400℃ or -274 to +752°F
R 380 to 1760℃ or 716 to 3200°F
Operational range:
K (CA) -180 to +1400℃ or -292 to +2552°F
J (IC) -210 to +1030℃ or -346 to +1886°F
T (CC) -200 to + 430℃ or -328 to +806°F
R 170 to 1790℃ or 338 to 3254°F
■ Hold Input: Dry contact input
Detecting level: ≤ 1.5 V
Sensing: Approx. 5 V DC, 1 mA
INSTALLATION
Power consumption
•AC: Approx. 1.0 VA
•DC: Approx. 0.3 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 210 g (0.46 lb)
PERFORMANCE
Accuracy
K narrow range (-150 – +400°C, -238 – +752°F ):
±1°C rdg ± 1digit, ±2°F rdg ± 1digit
K wide range (400 – 1370°C, 752 – 2498°F):
±3℃ rdg ± 1digit, ±6°F rdg ± 1digit
J: ±1℃ rdg ± 1digit, ±2°F rdg ± 1digit
T: ±1℃ rdg ± 1digit, ±2°F rdg ± 1digit
R: ±3℃ rdg ± 1digit, ±6°F rdg ± 1digit
Cold junction compensation error:
±3°C at 25 ±10°C
±5.4°F at 77 ±18°F
Temp. coefficient: ±0.1 ℃/℃
Line voltage effect: ±2 digits over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com