Electronic Components Datasheet Search
  English  ▼

X  

43DV2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 43DV2
Description  Digital Panel Meters 43 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

43DV2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  43DV2 Datasheet HTML 1Page - M-System Co.,Ltd. 43DV2 Datasheet HTML 2Page - M-System Co.,Ltd. 43DV2 Datasheet HTML 3Page - M-System Co.,Ltd. 43DV2 Datasheet HTML 4Page - M-System Co.,Ltd. 43DV2 Datasheet HTML 5Page - M-System Co.,Ltd. 43DV2 Datasheet HTML 6Page - M-System Co.,Ltd. 43DV2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 43DV2
43DV2 SPECIFICATIONS
ES-9422 Rev.11 Page 1/7
https://www.m-system.co.jp/
Digital Panel Meters 43 Series
DC INPUT DIGITAL PANEL METER
(process meter)
Functions & Features
• -1999 to +9999 digital panel meter
• Scaling & Hold functions available
• Screwless spring terminal
24
(.94)
48 (1.89)
58 (2.28)
*
mm (inch)
*42 (1.65) for Terminal Block code "S"
MODEL: 43DV2–[1][2]–R[3]
ORDERING INFORMATION
• Code number: 43DV2–[1][2]–R[3]
Specify a code from below for each of [1] through [3].
(e.g. 43DV2-SAD-R/Q)
• Specify the specification for option code /Q
(e.g. /SET)
[1] INPUT
DC Voltmeter (Without scaled range)
V1: ±199.9 mV DC (Conformance range)
(Input range: -219 – +219 mV, Input resistance: ≥1 MΩ)
V2: ±1.999 V DC (Conformance range)
(Input range: -2.19 – +2.19 V, Input resistance: ≥1 MΩ)
V3: ±19.99 V DC (Conformance range)
(Input range: -21.9 – +21.9 V, Input resistance: ≥1 MΩ)
Process Meter
S4: 0 – 10 V DC (Conformance range)
(Input range: -1 – +11 V, Input resistance: ≥1 MΩ)
S5: 0 – 5 V DC (Conformance range)
(Input range: -0.5 – +5.5 V, Input resistance: ≥1 MΩ)
S6: 1 – 5 V DC (Conformance range)
(Input range: 0.6 – 5.4 V, Input resistance: ≥1 MΩ)
S0: Specify voltage (See INPUT SPECIFICATIONS)
SA: 4 – 20 mA DC (Conformance range)
(Input range: 2.4 – 21.6 mA, Input resistance: 20 Ω)
SB: 0 – 20 mA DC (Conformance range)
(Input range: -2 – +22 mA, Input resistance: 20 Ω)
SC: 0 – 10 mA DC (Conformance range)
(Input range: -1 – +11 mA, Input resistance: 40.2 Ω)
SG: 0 – 1 mA DC (Conformance range)
(Input range: -0.1 – +1.1 mA, Input resistance: 402 Ω)
SJ: 0 – 5 mA DC (Conformance range)
(Input range: -0.5 – +5.5 mA, Input resistance: 80.6 Ω)
SZ: Specify current (See INPUT SPECIFICATIONS)
[2] TERMINAL BLOCK
S: Screwless spring terminal
D: Separable screwless spring terminal
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9422)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection
Terminal block "S": Screwless spring terminal
Applicable wire size 1.0 to 1.3 mm2, stripped length 8 mm
Terminal block "D": Separable screwless spring terminal
Applicable wire size 1.0 to 1.3 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to power
A/D conversion: Σ – Δ
Sampling rate: 5 times/sec. (200 msec.)
Averaging: None or moving average
Setting: (Front button)
• Scaled range (Process meter)
• Calibration (DC Voltmeter)
• Moving average
• Brightness
• Others
DISPLAY
Display: 4 digits of 10.2 mm (.4”) height, 7-segment, red
LED
Display range: -1999 to 9999
Zero indication: Higher-digit zeros are suppressed.
■DC Voltmeter
Over-range indication: 'S.ERR' blinks when out of the input
range.


Similar Part No. - 43DV2

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
43D YUANDEAN-43D Datasheet
353Kb / 3P
DC-DC Converter
43D-05D05NNL YUANDEAN-43D-05D05NNL Datasheet
353Kb / 3P
DC-DC Converter
43D-05S05NNL YUANDEAN-43D-05S05NNL Datasheet
353Kb / 3P
DC-DC Converter
43D-05S05RNL YUANDEAN-43D-05S05RNL Datasheet
353Kb / 3P
DC-DC Converter
43D-09D09NNL YUANDEAN-43D-09D09NNL Datasheet
353Kb / 3P
DC-DC Converter
More results

Similar Description - 43DV2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
43AL1B MSYSTEM-43AL1B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
A35 MSYSTEM-A35 Datasheet
90Kb / 2P
Digital Panel Meters 43 Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com