Electronic Components Datasheet Search
  English  ▼

X  

48SV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 48SV
Description  BARGRAPH INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  48SV Datasheet HTML 1Page - M-System Co.,Ltd. 48SV Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES-9321 Rev.4
MODEL
Bargraph Indicators 48 Series
48SV
Functions & Features
• Displaying a process variable in graphic bargraph
of 51 LED segments • Small size • High-density
mounting
MODEL & SUFFIX CODE SELECTION
48SV–1R❑❑–❑
MODEL
BAR GRAPHS
1 : Single
LED COLOR
R : Red
INSTALLATION
V :Vertical
H :Horizontal
INPUT
Current
A :4 – 20mA DC
G :0 – 1mA DC
Voltage
3 :0 – 1V DC
5 :0 – 5V DC
6 :1 – 5V DC
POWER INPUT
R : 24V DC
T : 5V DC
BARGRAPH INDICATOR
INPUT & OUTPUT
■INPUT
•DC Current: 4 – 20mA DC, 0 – 1mA DC
Input resistance
Input
Input Resistance
4 – 20mA
: 5.1 (Ω)
0 – 1mA
: 100
•DC Voltage: 0 – 1V DC, 0 – 5V DC or 1 – 5V DC
Input resistance
Input Span
Input Resistance
0 – 1V
: 200k (Ω)
0 – 5V
: 160k
1 – 5V
: 160k
INSTALLATION
Power input: operational voltage range: 24V DC
±15% or 5V DC ±10%, 1.5W max.;
ripple 10% p-p max.
Operating temperature: 0 to 50°C (32 to 122°F)
Operating humidity: 40 to 80% RH (non-condensing)
Mounting: panel flush mounting
Dimensions: W18×H72×D118 mm (0.71"×2.83"×4.65")
Weight:
90 g (0.20 lbs)
PERFORMANCE in percentage of span
Accuracy: ±2%
Response time: 0.5 seconds
Insulation resistance: ≥50MΩ with 500V DC
(input or power to ground)
Dielectric strength: 2000V AC @1 minute
(input or power to ground)
500V AC @1 minute (input to power)
20
40
60
80
100
OR
0
%
ORDERING INFORMATION
Specify code number. (e.g. 48SV-1RVA-T)
GENERAL SPECIFICATIONS
Construction: panel flush mounting
Connection: connector (leadwires soldered)
Material
Housing: ABS resin
Scale plate: aluminium (white scale & characters
on black base)
Scale:0 – 100%
Indicator: LED
No. of LED segments: 52 including over-range
indicator "1"
Scale length: 50 mm (1.97")
Isolation:
input to power
P. 1 / 2


Similar Part No. - 48SV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48SV2 MSYSTEM-48SV2 Datasheet
208Kb / 6P
Bargraph Indicators 48 Series
48SV2-BH0DRR MSYSTEM-48SV2-BH0DRR Datasheet
208Kb / 6P
Bargraph Indicators 48 Series
48SV2-BH0DRT MSYSTEM-48SV2-BH0DRT Datasheet
208Kb / 6P
Bargraph Indicators 48 Series
48SV2-BH0DT-R MSYSTEM-48SV2-BH0DT-R Datasheet
208Kb / 6P
Bargraph Indicators 48 Series
48SV2-BH0DT-T MSYSTEM-48SV2-BH0DT-T Datasheet
208Kb / 6P
Bargraph Indicators 48 Series
More results

Similar Description - 48SV

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53164 QT-MV53164 Datasheet
393Kb / 4P
BARGRAPH DISPLAYS
MV5A164 QT-MV5A164 Datasheet
190Kb / 2P
MULTICOLOR BARGRAPH
logo
Fairchild Semiconductor
MV53164 FAIRCHILD-MV53164 Datasheet
416Kb / 5P
BARGRAPH DISPLAYS
MV5A164 FAIRCHILD-MV5A164 Datasheet
215Kb / 3P
MULTICOLOR BARGRAPH
logo
Ningbo Foryard Optoelec...
FYA-R1206CZX-00 FORYARD-FYA-R1206CZX-00 Datasheet
384Kb / 5P
Bargraph Digit Display
FYA-R1408BZX-00 FORYARD-FYA-R1408BZX-00 Datasheet
399Kb / 5P
Bargraph Digit Display
FYA-R2010BZX-00 FORYARD-FYA-R2010BZX-00 Datasheet
391Kb / 5P
Bargraph Digit Display
FYA-S10AZX-00 FORYARD-FYA-S10AZX-00 Datasheet
384Kb / 5P
Bargraph Digit Display
FYA-S10BZX-00 FORYARD-FYA-S10BZX-00 Datasheet
385Kb / 5P
Bargraph Digit Display
FYA-S30CZX-00 FORYARD-FYA-S30CZX-00 Datasheet
384Kb / 5P
Bargraph Digit Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com