Electronic Components Datasheet Search
  English  ▼

X  

SM2000 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SM2000
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SM2000 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SM2000 Datasheet HTML 1Page - Rectron Semiconductor SM2000 Datasheet HTML 2Page - Rectron Semiconductor SM2000 Datasheet HTML 3Page - Rectron Semiconductor SM2000 Datasheet HTML 4Page - Rectron Semiconductor SM2000 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED
SILICON RECTIFIER
SM2000
VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at terminals TT = 75 C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Current Squarad Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
I
2t
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
3.75
15
Amps
A
2 Sec
0 C/W
0 C/W
0 C
Storage Temperature Range
R JA
Typical Thermal Resistance (Note 1)
45
10
R JT
IO
pF
Operating Temperature Range
TJ
SM2000
2000
-55 to + 175
0 C
2000
2018-09/78
REV:O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5.0
50
@TA = 25
oC
@TA = 100
oC
uA
UNITS
1.2
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
-55 to + 175
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
*Mounting position: Any
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
Dimensions in inches and (millimeters)
MELF
.105 (2.67)
.094 (2.39)
.205 ( 5.2 )
.185 ( 4.7)
.022 (0.56)
.016 (0.41)
1400
0
SM2000


Similar Part No. - SM2000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
Standard silicon rectifier diodes
SM2000 SEMIKRON-SM2000 Datasheet
109Kb / 2P
Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
SM2000 BILIN-SM2000 Datasheet
205Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SM2000 LUGUANG-SM2000 Datasheet
372Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - SM2000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001C RECTRON-FM4001C Datasheet
30Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001 RECTRON-FM4001_09 Datasheet
460Kb / 9P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
FR101WS RECTRON-FR101WS Datasheet
115Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
HDB108LS RECTRON-HDB108LS Datasheet
98Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2015-04 REV: O
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
SF1L RECTRON-SF1L_V01 Datasheet
187Kb / 7P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2021- REV:E 08
SF1 RECTRON-SF1_V01 Datasheet
372Kb / 6P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com