Electronic Components Datasheet Search
  English  ▼

X  

MMD200S Datasheet(PDF) 2 Page - MacMic

Part # MMD200S
Description  200A Rectifier Diode Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD200S Datasheet(HTML) 2 Page - MacMic

  MMD200S Datasheet HTML 1Page - MacMic MMD200S Datasheet HTML 2Page - MacMic MMD200S Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMD200S
- 2 -
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRM
Max.Reverse Leakage Current
VR= VRRM
500
µA
VR= VRRM , TJ=125°C
10
mA
VF
Forward Voltage
IF=600A
1.5
V
VT0
For power-loss calculations only
TJ=125°C
0.8
V
rT
1.0
mΩ
VF(V)
Figure1. Forward current vs.voltage drop
TJ=25°C
TJ=125°C
600
300
100
0
0
0.4
0.8
1.2
1.6
IF(AV)(A)
Figure2. Diode Power dissipation vs. IF(AV)
80
40
0
200
2.0
300
240
120
60
0
500
Three-Phase
160
Cycles
Figure3. Max Non-Repetitive Forward Surge Current
7000
1000
0
1
10
TC(°C)
Figure4. Forward current vs.Case temperature
125
75
25
175
50Hz
100
250
200
50
0
2000
5000
180
Max.
Single Phase
DC
Per Diode
Single Phase
200
400
120
6000
3000
4000
100
150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com