Electronic Components Datasheet Search
  English  ▼

X  

FOD410 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FOD410
Description  6-Pin DIP High dv/dt Zero-Cross Triac Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD410 Datasheet(HTML) 4 Page - ON Semiconductor

  FOD410 Datasheet HTML 1Page - ON Semiconductor FOD410 Datasheet HTML 2Page - ON Semiconductor FOD410 Datasheet HTML 3Page - ON Semiconductor FOD410 Datasheet HTML 4Page - ON Semiconductor FOD410 Datasheet HTML 5Page - ON Semiconductor FOD410 Datasheet HTML 6Page - ON Semiconductor FOD410 Datasheet HTML 7Page - ON Semiconductor FOD410 Datasheet HTML 8Page - ON Semiconductor FOD410 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FOD410, FOD4108, FOD4116, FOD4118
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Device
Min
Typ
Max
Unit
INDIVIDUAL COMPONENT CHARACTERISTICS
Emitter
VF
Input Forward Voltage
IF = 20 mA
All
−
1.25
1.50
V
IR
Reverse Leakage Current
VR = 6 V
All
−
0.0001
10
mA
Detector
ID(RMS)
Peak Blocking Current
Either Direction
IF = 0,
TA = 100°C
(Note 2)
VD = 600 V
FOD410,
FOD4116
−
3
100
mA
VD = 800 V
FOD4108,
FOD4118
IR(RMS)
Reverse Current
TA = 100 °C
VD = 600 V
FOD410,
FOD4116
−
3
100
mA
VD = 800 V
FOD4108,
FOD4118
dv/dt
Critical Rate of Rise of
Off−State Voltage
IF = 0 A (Note 3)
VD = VDRM
All
10,000
−
−
V/ms
TRANSFER CHARACTERISTICS
IFT
LED Trigger Current
Main Terminal Voltage = 5 V (Note 4)
FOD410,
FOD4108
−
0.65
2.0
mA
FOD4116,
FOD4118
−
0.65
1.3
VTM
Peak On−State Voltage,
Either Direction
ITM = 300 mA peak, IF = Rated IFT
All
−
2.2
3
V
IH
Holding Current, Either
Direction
VT = 3 V
All
−
200
500
mA
IL
Latching Current
VT = 2.2 V
All
−
5
−
mA
tON
Turn−On Time
PF = 1.0,
IT = 300 mA
VRM = VDM = 424 VAC
FOD410,
FOD4116,
FOD4118
−
60
−
ms
VRM = VDM = 565 VAC
FOD4108
tOFF
Turn−Off Time
VRM = VDM = 424 VAC
FOD410,
FOD4116,
FOD4118
−
52
−
ms
VRM = VDM = 565 VAC
FOD4108
dv/dtC
Critical Rate of Rise of
Voltage at Current
Commutation
VD = 230 VRMS, ID = 300 mAPK
All
−
10
−
V/ms
di/dtC
Critical Rate of Rise of
On−State Current
Commutation
VD = 230 VRMS, ID = 300 mAPK
All
−
9
−
A/ms
dv(IO)/dt Critical Rate of Rise of
Coupled Input / Output
Voltage
IT = 0 A, VRM = VDM = 424 VAC
All
10,000
−
−
V/ms
2. Test voltage must be applied within dv/dt rating.
3. This is static dv/dt. Commutating dv/dt is a function of the load−driving thyristor(s) only.
4. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max
IFT (2 mA for FOD410 and FOD4108 and 1.3 mA for FOD4116 and FOD4118) and the absolute max IF (30 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com