Electronic Components Datasheet Search
  English  ▼

X  

8086602 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8086602
Description  Digital input module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8086602 Datasheet(HTML) 2 Page - Festo Corporation.

  8086602 Datasheet HTML 1Page - Festo Corporation. 8086602 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Power supply, number of pins/wires
4
No. of inputs
8
Communication interface, number of pins/wires
4
Max. residual current of inputs per module
1.8 A
Power failure buffering
10 ms
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Type code
CPX-AP-I
Reverse polarity protection
yes
Input debounce time
0.1 ms
3 ms
10 ms
20 ms
Switching level
Signal 0: <= 5 V
Signal 1: >= 11 V
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-40 °C ... 70 °C
Degree of protection
IP65
IP67
Ambient temperature
-20 °C ... 50 °C
Certification
RCM compliance mark
Product weight
126 g
Input characteristics
As per IEC 61131-2, type 3
Input switching logic
PNP (positive switching)
2-wire sensors as per IEC 61131-2
3-wire sensors as per IEC 61131-2
Type of mounting
With through-hole
Note on materials
RoHS-compliant
Housing material
PA
PC
Die-cast zinc, nickel-plated
6/8/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com