Electronic Components Datasheet Search
  English  ▼

X  

54UL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 54UL
Description  Power Transducer Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

54UL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  54UL Datasheet HTML 1Page - M-System Co.,Ltd. 54UL Datasheet HTML 2Page - M-System Co.,Ltd. 54UL Datasheet HTML 3Page - M-System Co.,Ltd. 54UL Datasheet HTML 4Page - M-System Co.,Ltd. 54UL Datasheet HTML 5Page - M-System Co.,Ltd. 54UL Datasheet HTML 6Page - M-System Co.,Ltd. 54UL Datasheet HTML 7Page - M-System Co.,Ltd. 54UL Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: 54UL
54UL SPECIFICATIONS
ES-6488 Rev.5 Page 2/8
http://www.m-system.co.jp/
Terminal block, housing: IP 30
Connection
Voltage input: M4 screw terminals (torque 1.4 N·m)
Current input: M4 screw terminals (torque 1.4 N·m)
Discrete input, discrete output, LonWorks, auxiliary power
supply: M3 screw terminals (torque 0.6 N·m)
Configuration
Code 1: Single phase/2-wire and 3-wire, 3-phase/3- wire
balanced/unbalanced load
Code 2: Single phase/2-wire and 3-wire, 3-phase/3- wire
balanced/unbalanced load, 3-phase/4- wire
balanced/unbalanced load
Screw terminal
• M3 screw: Nickel-plated steel (standard) or stainless steel
• M4 screw: Nickel-plated brass (standard) or stainless steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to discrete input to
LonWorks or FG to discrete output to power
■ Measured variables
Voltage: 1 – 2, 2 – 3, 3 – 1, 1 – N, 2 – N, 3 – N
Current: 1, 2, 3, N
Active / reactive / apparent power: 1, 2, 3, Σ
Power factor: 1, 2, 3, Σ
Frequency
Phase angle between voltages: 1 – 2, 2 – 3, 3 – 1
Active energy incoming / outgoing: Σ
Reactive energy inductive / capacitive: Σ
Apparent energy: Σ
Active / reactive / apparent power intervals (demand)
Current intervals (demand): 1, 2, 3, N
Harmonic contents: Σ, 2nd to 31st
Voltage: 1 – 2, 2 – 3, 3 – 1, 1 – N, 2 – N, 3 – N
Current: 1, 2, 3, N
Max. and min. values: 1 = R, 2 = S, 3 = T
Infrared communication: Transmission distance max. 1
meter (for use with the COP-IRU and PMCFG)
■ DISPLAY: LCD with LED backlight (LED OFF timer
available)
Signed: 4 digits, 2 lines
Energy: 9 digits, 1 line
Bargraph: 1 point (60 segments)
LonWorks COMMUNICATION
Neuron chip: FT3150 (NeuronID printed in numeric and
bar code [peel-off code 39 format] under the
specification marking on the product; two
sticker labels attached)
Transceiver: FT-X1 (equivalent to FTT-10A)
Transmission speed: 78 kbps Twisted-pair cable
Distance, free topology: 500 meters
Max. 64 nodes/channel
LNS: Ver.3.0 Service Pack 8 or higher
Service lamp: Red LED (used as infrared LED for
communication with COP-IRU)
• Off: Normal operations
• Blinking in approx. 0.5 Hz: No network information
• On: Internal program error
SERVICE switch: Used to identify the node in LonWorks
network configuration
RESET switch: Resetting the Neuron Chip
INPUT SPECIFICATIONS
Frequency: 50 / 60 Hz (45 – 65 Hz)
• Voltage Input
Rated voltage
Line-to-line (delta voltage): 480 V
Line-neutral (phase voltage): 277 V
Consumption VA: ≤ ULN2 / 300 kΩ / phase
Overload capacity: 200 % of rating for 10 sec., 120 %
continuous
Selectable primary voltage range: 50 – 400 000 V
• Current Input
Rated current: 1 A or 5 A
Consumption VA: ≤ I2 · 0.01 Ω / phase
Overload capacity: 4000 % of rating for 1 sec., 2000 % for
4 sec., 120 % continuous
Selectable primary current range: 1 – 20 000 A
Operational range
Voltage, current, apparent power: ≤ 120 % of the rating
Active / reactive power: -120 to +120 % of the rating
Frequency: 45 – 65 Hz
Power factor: -1 to +1
■ Discrete Input: 24 V DC or 110 V DC
(input resistance 6 kΩ)
Detecting voltage: External 24 V DC ±10 % or 110 V DC
±10 %
ON current: ≥ 1 mA (≤ 24 kΩ @ 24 V, ≤ 110 kΩ @110 V)
OFF current: ≤ 0.1 mA (≥ 240 kΩ @ 24 V, ≥ 1.1 MΩ @ 110
V)
Detecting time: 10 – 1000 msec.
Usable to reset energy count or to update average
(demand) value.
OUTPUT SPECIFICATIONS
■ Open Collector
Programmable for either alarm or energy count.
Max. rated load: 130 V DC @50 mA
Continuous rated load: 130 V DC @30 mA
Saturation voltage: 1.5 V DC
Measurands applicable to alarm: Voltage, current, average
current (demand), neutral current, frequency, power,
average power (demand)
(ON delay, deadband and other parameters are selectable)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com