Electronic Components Datasheet Search
  English  ▼

X  

60M Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 60M
Description  Field Network Modules 60-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60M Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  60M Datasheet HTML 1Page - M-System Co.,Ltd. 60M Datasheet HTML 2Page - M-System Co.,Ltd. 60M Datasheet HTML 3Page - M-System Co.,Ltd. 60M Datasheet HTML 4Page - M-System Co.,Ltd. 60M Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 60M
60M SPECIFICATIONS
ES-6606 Rev.12 Page 1/5
http://www.m-system.co.jp/
Field Network Modules 60-UNIT Series
ANALOG I/O MODULE
(Modbus; RS-485)
Functions & Features
• Interfacing analog I/O signals from/to 10-RACK or 18-RACK
modules with Modbus
• Saving power and I/O wiring inside an instrumentation
panel
72
(2.83)
80
(3.15)
mm (inch)
6 7 8
6 7 8
153
(6.02)
MODEL: 60M-16[1]-[2][3]
ORDERING INFORMATION
• Code number: 60M-16[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. 60M-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
NO. OF CHANNELS
16: 16 points
[1] I/O TYPE
1: Input
2: Output
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
•Special cable (model: MCN34)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.25 W)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Modbus: Euro type connector terminal (applicable wire
size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: 34-pin connector (OMRON XG4A-3434)
Power input: M3.5 screw terminal
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: I/O to Modbus to power to FG1
Power indicator: Green LED turns on with power supplied.
MODBUS COMMUNICATION
Communication: Conforms to TIA/EIA-485-A
Transmission setting: DIP switch
Data: RTU (Binary) or ASCII
Parity: none, even or odd
Baud rate: 4800, 9600, 19.2 k, 38.4 k (bps)
Node address setting: Rotary switch; 01 – F7
(factory setting: 00)
L RUN indicator: Red LED turns on for 10 sec. when the
module receives data.
L ERR. indicator: Red LED turns on at errors in parity,
framing, overrun, CRC or LRC.
SD indicator: Red LED turns on when transmitting.
RD indicator: Red LED turns on when receiving.
Analog input: Programming Unit (model: PU-2x) or via
Modbus
Moving averaging: None, every 2 or 4 samples
Sampling rate: 400, 240, or 160 (msec.)


Similar Part No. - 60M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
60MDS NAINA-60MDS Datasheet
491Kb / 3P
Three - Phase Bridge Rectifier Excellent power volume ratio
logo
Kemet Corporation
60MI3220AA30J KEMET-60MI3220AA30J Datasheet
52Kb / 1P
R60, Film, Metallized Polyester, Automotive Grade, 0.22 uF, 5%, 400 VDC, 85°C, 15mm
02/18/2025
logo
Shanghai Shunye Electro...
60MT045 SHUNYE-60MT045 Datasheet
640Kb / 2P
Schottky Bypass Diode Module
V2.22
logo
International Rectifier
60MT100KB IRF-60MT100KB Datasheet
95Kb / 7P
THREE PHASE BRIDGE
logo
Vishay Siliconix
60MT100KPBF VISHAY-60MT100KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 60/70 A
29-Apr-08
More results

Similar Description - 60M

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com