Electronic Components Datasheet Search
  English  ▼

X  

61A Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 61A
Description  Field Network Modules 61-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61A Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  61A Datasheet HTML 1Page - M-System Co.,Ltd. 61A Datasheet HTML 2Page - M-System Co.,Ltd. 61A Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 61A
61A SPECIFICATIONS
ES-6639 Rev.2 Page 1/3
http://www.m-system.co.jp/
Field Network Modules 61-UNIT Series
ANALOG I/O MODULE
(conforms to AnyWire wiring saving system)
Functions & Features
• Interfacing analog I/O signals from/to Mini-M or Pico-M
modules with AnyWire wiring saving systems
• Saving power and I/O wiring inside an instrumentation
panel
mm (inch)
50
(1.97)
100 (3.94)
115 (4.53)
MODEL: 61A-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: 61A-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. 61A-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
04: 4 points
08: 8 points
16: 16 points
[2] I/O TYPE
1: Input
2: Output
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
(Specify power suffix code R (24 V DC) when the UNIT is to be
combined with the M8BS2.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base (model: M2BS2)
• Installation Base (model: M8BS2)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
AnyWire: Euro type connector terminal (applicable wire
size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: Via Installation Base (model: MxBS2)
Power input: Via Installation Base (model: MxBS2)
Housing material: Flame-resistant resin (black)
Isolation: I/O to AnyWire to power
Power indicator: Green LED turns on with power supplied.
AnyWire SPECIFICATIONS
Network: Conforms to AnyWire wiring saving system
Transmission media
• General-purpose 2-core / 4-core cable (0.75 - 1.25 mm2)
• General-purpose wiring (0.75 - 1.25 mm2) etc.
Station No.: DIP switch; 00 - 3F
Transmission clock / maximum transmission distance
(configurable with DIP switch(es))
• 7.8 kHz / 800 m (874.9 yds)
• 15.6 kHz / 500 m (546.8 yds)
• 31.3 kHz / 200 m (218.7 yds)
• 62.5 kHz / 100 m (109.4 yds)
RDY indicator: Red LED ON at normal operating
LINK indicator: Red LED blinking at normal operating
INPUT SPECIFICATIONS
■ Analog Input
Input range: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
(Each input must be isolated by signal conditioners. Non-
isolated modules such as M2BW and M8BW are not usable.)
A/D conversion
Moving averaging: 4 samples
Sampling rate: 160 ms
A/D conversion output: Signed binary


Similar Part No. - 61A

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61A GRAYHILL-61A Datasheet
5Mb / 33P
Custom, Absolute
61A08-060 GRAYHILL-61A08-060 Datasheet
432Kb / 2P
Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
61A16-060 GRAYHILL-61A16-060 Datasheet
432Kb / 2P
Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
61A16-060 GRAYHILL-61A16-060 Datasheet
5Mb / 33P
Custom, Absolute
61A24-060 GRAYHILL-61A24-060 Datasheet
432Kb / 2P
Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
More results

Similar Description - 61A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com