Electronic Components Datasheet Search
  English  ▼

X  

61S Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 61S
Description  Field Network Modules 61-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61S Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  61S Datasheet HTML 1Page - M-System Co.,Ltd. 61S Datasheet HTML 2Page - M-System Co.,Ltd. 61S Datasheet HTML 3Page - M-System Co.,Ltd. 61S Datasheet HTML 4Page - M-System Co.,Ltd. 61S Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 61S
61S SPECIFICATIONS
ES-6637 Rev.2 Page 2/5
http://www.m-system.co.jp/
COMMUNICATION
Configuration: Multi-drop
Standard: Conforms to EIA RS-422
Communication: 2-wire, half-duplex
Transmission speed: 125 kbps
Control procedure: SDLC
Data encoding: NRZ
Protocol: SIN-NET (M-System's)
Error check: CRC
Transmission distance: 500 m
Transmission media: Twisted-pair cable CPEV-0.9 dia.
Station No.: Rotary switch
Terminator: Incorporated (remove jumper pin with those
modules not located at the end of transmission line)
INPUT SPECIFICATIONS
■ Analog Input
Input range: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
(Each input must be isolated by signal conditioners. Non-
isolated modules such as M2BW and M8BW are not usable.)
A / D conversion
Moving averaging: 4 samples
Sampling rate: 160 ms
OUTPUT SPECIFICATIONS
■ Analog Output
Output range: 1 – 5 V DC
Load resistance: 20 kΩ minimum
(Output must be isolated with signal conditioners.
When the transmission line is open, the last value sampled
before failure is held. Non-isolated modules such as M2BW
and M8BW are not usable. )
INSTALLATION
Power consumption
•AC: Approx. 4 VA
•DC: Approx. 4 W (160 mA)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: MxBS2)
Weight: 250 g (0.55 lb)
PERFORMANCE in percentage of span
A/D conversion: ±0.1 %
D/A conversion: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (I/O to SIN-NET to
RUN contact output to power)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com