Electronic Components Datasheet Search
  English  ▼

X  

73VR1100 Datasheet(PDF) 18 Page - M-System Co.,Ltd.

Part # 73VR1100
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100 Datasheet(HTML) 18 Page - M-System Co.,Ltd.

Back Button 73VR1100 Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 14Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 15Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 16Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 17Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 18Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 18/18
https://www.m-system.co.jp/
■ MSR128
• I/O devices connected to RS-485
• Transferring data from the CF Card
PC Recorder
(model: R1M-D1)
PC Recorder
(model: R1M-A1)
PC Recorder
(model: R1M-GH)
Paperless Recorder
(model: 73VR1100)
PC Recorder Software
(model: MSR128)
PC Recorder Software
(model: MSR128)
RS-485
Ethernet
Ethernet
Hub / Switch
PC Recorder
(model: R1M-D1)
PC Recorder
(model: R1M-A1)
PC Recorder
(model: R1M-GH)
Paperless Recorder
(model: 73VR1100)
RS-485
100 Mbps
• I/O devices connected to Ethernet
Paperless Recorder
(model: 73VR1100)
PC Recorder Software
(model: MSR128)
Ethernet
Ethernet
Hub / Switch 100 Mbps
Card Reader
CF Card
Note 1: Use a dedicated network for the 73VR1100 and its input devices.
Note 2: Use of a hub/switch via straight cables is recommended to connect the 73VR1100 to the PC.
Note 3: The storing intervals of 100 msec. and 200 msec. are not applicable to the above configuration.
I/O Modules
Network Module
(model: R3-NE1, R5-NE1)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com