Electronic Components Datasheet Search
  English  ▼

X  

A35 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # A35
Description  Digital Panel Meters 43 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

A35 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  A35 Datasheet HTML 1Page - M-System Co.,Ltd. A35 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: A-35
A-35 SPECIFICATIONS
ES-7429 Rev.2 Page 1/2
http://www.m-system.co.jp/
Digital Panel Meters 43 Series
6BX-E MOUNTING ADAPTOR
Functions & Features
• Mounting Adaptor Plate for installing Model 43ALx Digital
Panel Meter inside Model 6BX-E Outdoor Enclosure
MODEL: A-35-[1]
ORDERING INFORMATION
• Code number: A-35-[1]
Specify a code from below for [1].
(e.g. A-35-T)
[1] TERMINAL BLOCK
0: None
T: With
RELATED PRODUCTS
• Outdoor enclosure (model: 6BX-E)
• 2-wire DC panel meter (model: 43AL)
• Loop powered digital panel meter (model: 43AL1-S)
(Only one-piece terminal block type)
GENERAL SPECIFICATIONS
Mounting screws: M4 × 10 (0.39") (two; attached)
Connection: Terminal block (option)
(Applicable wire size: 0.2 to 4 mm2, stripped length 8 mm)
Material: Carbon steel sheet
INSTALLATION
Operating temperature: -20 to +70°C (-4 to +158°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: 170 g (6.0 oz) with Terminal Block
130 g (4.6 oz) without Terminal Block
CONNECTION EXAMPLES
■ WITH TERMINAL BLOCK
2
1
3
4
1
2
3
HI
LO
HI
LO
brown
red
EARTHING E
INPUT
43AL
Terminal Block
2
1
3
4
1
3
2
HI
LO
+
–
brown
red
FE
INPUT
43AL1-S
Terminal Block
• 43AL
• 43AL1-S


Similar Part No. - A35

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
106Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A35 DBLECTRO-A35 Datasheet
318Kb / 1P
IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
A35 MA-COM-A35 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
Micrel Semiconductor
A35 MICREL-A35 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - A35

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
43AL1B MSYSTEM-43AL1B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43DV2 MSYSTEM-43DV2 Datasheet
245Kb / 7P
Digital Panel Meters 43 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
Digital Panel Meters 43 Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
Digital Panel Meters 43 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com